Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9863
Description  Transceiver for Broadband Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9863 Datasheet HTML 10Page - Analog Devices AD9863 Datasheet HTML 11Page - Analog Devices AD9863 Datasheet HTML 12Page - Analog Devices AD9863 Datasheet HTML 13Page - Analog Devices AD9863 Datasheet HTML 14Page - Analog Devices AD9863 Datasheet HTML 15Page - Analog Devices AD9863 Datasheet HTML 16Page - Analog Devices AD9863 Datasheet HTML 17Page - Analog Devices AD9863 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Data Sheet
AD9863
Rev. B | Page 13 of 40
0
–10
–20
–30
40
–50
–60
–70
–80
–90
–100
–110
0
5
10
15
20
25
FREQUENCY (MHz)
Figure 22. AD9863 Tx Path 1 MHz Single-Tone Output FFT of Tx Path
with 20 mA Full-Scale Output into 33 Ω Differential Load
–50
–100
50
60
70
80
90
100
–90
–80
–70
–60
0
5
10
15
20
25
OUTPUT FREQUENCY (MHz)
SFDR
THD
Figure 23. AD9863 Tx Path THD/SFDR vs. Output Frequency of Tx Channel A,
with 20 mA Full-Scale Output into 60 Ω Differential Load
–50
–100
–90
–80
–70
–60
0
5
10
15
20
25
OUTPUT FREQUENCY (MHz)
20mA, 33
Ω
20mA, 60
Ω
2mA, 600
Ω
Figure 24. AD9863 Tx Path THD vs. Output Frequency of Tx Channel A
0
–10
–20
–30
40
–50
–60
–70
–80
–90
–100
–110
0
5
10
15
20
25
FREQUENCY (MHz)
Figure 25. AD9863 Tx Path 5 MHz Single-Tone Output FFT of Tx Channel A
with 20 mA Full-Scale Output into 33 Ω Differential Load
74
64
66
68
70
72
62
0
5
10
15
20
SNR
SINAD
25
OUTPUT FREQUENCY (MHz)
Figure 26. AD9863 Tx Path SINAD/SNR vs. Output Frequency of Tx Path
with 20 mA Full-Scale Output into 60 Ω Differential Load
–50
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
0
5
10
15
20
25
OUTPUT FREQUENCY (MHz)
20mA, 60
Ω
20mA, 33
Ω
2mA, 600
Ω
Figure 27. AD9863 Tx Path Dual-Tone (0.5 MHz Spacing) IMD vs.
Output Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com