Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9863
Description  Transceiver for Broadband Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9863 Datasheet HTML 21Page - Analog Devices AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices AD9863 Datasheet HTML 27Page - Analog Devices AD9863 Datasheet HTML 28Page - Analog Devices AD9863 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
AD9863
Data Sheet
Rev. B | Page 24 of 40
Table 11 describes AD9863 pin function (when mode pins are used) relative to I/O mode and for half-duplex modes, whether
transmitting or receiving.
Table 11. AD9863 Pin Function vs. Interface Mode (No SPI Cases)1
Mode Name
U12 Bus
L12 Bus
IFACE1
IFACE2
IFACE3
FD
Interleaved Tx data
Interleaved Rx data
TxSYNC
Buffered Rx Clock
Buffered Tx clock
HD12
(Tx/Rx = High)
Interleaved Tx data
MSB = TxSYNC
Others = three-state
Tx/Rx = tied high
12/24 pin control tied high
Buffered Tx clock
HD12
(Tx/Rx = Low)
MSB = RxSYNC
Others = three-state
Interleaved Rx data
Tx/Rx = tied low
12/24 pin control tied high
Buffered Rx clock
HD24
(Tx/Rx = High)
Tx_A data
Tx_B data
Tx/Rx = tied high
12/24 pin control tied low
Buffered Tx clock
HD24
(Tx/Rx = Low)
Rx_B data
Rx_A data
Tx/Rx = tied low
12/24 pin control tied low
Buffered Rx clock
Clone Mode
(Tx/Rx = High)
x
x
x
x
x
Clone Mode
(Tx/Rx = Low)
x
x
x
x
x
1
Clone mode not available without SPI.
Table 12 describes AD9863 pin function (when SPI programming is used) relative to flexible I/O mode and for half-duplex modes,
whether transmitting or receiving.
Table 12. AD9863 Pin Function vs. Interface Mode (Configured through the SPI Registers)
Mode Name
U12 Bus
L12 Bus
IFACE1
IFACE2
IFACE3
FD
Interleaved Tx data
Interleaved Rx data
TxSYNC
Buffered system
clock
Buffered Tx clock
HD12, Tx Mode
(Tx/Rx = High)
Interleaved Tx data
MSB = TxSYNC
others = three-state
Tx/Rx = tied high
Optional buffered
system clock
Buffered Tx clock
HD12, Rx Mode
(Tx/Rx = Low)
MSB = RxSYNC
Other = three-state
Interleaved Tx data
Tx/Rx = tied low
Optional buffered
system clock
Buffered Rx clock
HD24, Tx Mode
(Tx/Rx = High)
Tx_A data
Tx_B data
Tx/Rx = tied high
Optional buffered
system clock
Buffered Tx clock
HD24, Rx Mode
(Tx/Rx = Low)
Rx_B data
Rx_A data
Tx/Rx = tied low
Optional buffered
system clock
Buffered Rx clock
Clone Mode,
Tx Mode
(Tx/Rx = High)
Interleaved Tx data
MSB = TxSYNC
Others = three-state
Tx/Rx = tied high
Optional buffered
system clock
Buffered Tx clock
Clone Mode,
Rx Mode
(Tx/Rx = Low)
Rx_B data
Rx_A data
Tx/Rx = tied low
Optional buffered
system clock
Buffered Rx clock
Summary of Flexible I/O Modes
FD Mode
The full-duplex (FD) mode can be configured by using mode
pins or with SPI programming. Using the SPI allows additional
configuration flexibility of the device.
FD mode is the only mode that supports full-duplex, receive,
and transmit concurrent operations. The upper 12-bit bus
(U12) is used to accept interleaved Tx data, and the lower 12-bit
bus (L12) is used to output interleaved Rx data. Either the Rx
path or the Tx path (or both) can be independently powered
down using either (or both) the RxPwrDwn and TxPwrDwn
pins. FD mode requires interpolation of 2× or 4×.
The following notes provide a general description of the FD
mode configuration. For more information, refer to Table 15.
Note the following about the Tx path in FD mode:
•
Interpolation rate of 2× or 4× can be programmed with
mode pins or SPI.
•
Max DAC update rate = 200 MSPS.
Max Tx input data rate = 80 MSPS/channel (160 MSPS
interleaved).
•
TxSYNC is used to direct Tx input data.
TxSYNC = high indicates channel Tx_A data.
TxSYNC = low indicates channel Tx_B data.
•
Buffered Tx clock output (from IFACE3 pin) equals 2× the
DAC update rate; one rising edge per interleaved Tx sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com