Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9863
Description  Transceiver for Broadband Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9863 Datasheet HTML 17Page - Analog Devices AD9863 Datasheet HTML 18Page - Analog Devices AD9863 Datasheet HTML 19Page - Analog Devices AD9863 Datasheet HTML 20Page - Analog Devices AD9863 Datasheet HTML 21Page - Analog Devices AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AD9863
Data Sheet
Rev. B | Page 20 of 40
The degradation in SNR at a given full-scale input frequency
(fINPUT), due to aperture jitter (tA), can be calculated with the
following equation:
SNR degradation = 20 log [(½)πFINtA)]
In the equation, the rms aperture jitter, tA, represents the root-
sum-square of all jitter sources, which includes the clock input,
analog input signal, and ADC aperture jitter specification.
Undersampling applications are particularly sensitive to jitter.
The clock input is a digital signal that must be treated as an
analog signal with logic level threshold voltages, especially in
cases where aperture jitter may affect the dynamic range of the
AD9863. Power supplies for clock drivers must be separated
from the ADC output driver supplies to avoid modulating the
clock signal with digital noise. Low jitter crystal-controlled
oscillators make the best clock sources. If the clock is generated
from another type of source (by gating, dividing, or other meth-
ods), it must be retimed by the original clock at the last step.
Power Dissipation and Standby Mode
The power dissipation of the AD9863 Rx path is proportional to
its sampling rate. The Rx path portion of the digital (DRVDD)
power dissipation is determined primarily by the strength of the
digital drivers and the load on each output bit. The digital drive
current can be calculated by
IDRVDD = VDRVDD × CLOAD × fCLOCK × N
where N is the number of bits changing and CLOAD is the average
load on the digital pins that changed.
The analog circuitry is optimally biased so that each speed
grade provides excellent performance while affording reduced
power consumption. Each speed grade dissipates a baseline
power at low sample rates, which increases with clock fre-
quency. The baseline power dissipation for either speed grade
can be reduced by asserting the ADC_LO_PWR pin, which
reduces internal ADC bias currents by half, in some cases
resulting in degraded performance.
To further reduce power consumption of the ADC, the
ADC_LO_PWR pin can be combined with a serial programmable
register setting to configure an ultralow power mode. The ultralow
power mode reduces power consumption by a fourth of the normal
power consumption. The ultralow power mode can be used at
slower sampling frequencies or if reduced performance is
acceptable. To configure the ultralow power mode, assert the
ADC_LO_PWR pin during power-up and write the following
register settings:
Register 0x08
(MSB) 0000 1100
Register 0x09
(MSB) 0111 0000
Register 0x0A
(MSB) 0111 0000
Figure 49 shows the typical analog power dissipation
(ADC_AVDD = 3.3 V) for the ADC vs. sampling rate for the
normal power, low power, and ultralow power modes.
Either of the ADCs in the AD9863 Rx path can be placed in
standby mode independently by writing to the appropriate SPI
register bits in Register 3, Register 4, and Register 5. The minimum
standby power is achieved when both channels are placed in full
power-down mode using the appropriate SPI register bits in
Register 3, Register 4, and Register 5. Under this condition, the
internal references are powered down. When either or both of the
channel paths are enabled after a power-down, the wake-up time is
directly related to the recharging of the REFT and REFB
decoupling capacitors and the duration of the power-down.
Typically, it takes approximately 5 ms to restore full operation with
fully discharged 0.1 µF and 10 µF decoupling capacitors on REFT
and REFB.
20
40
60
80
100
120
0
0
5
10
15
20
25
30
35
40
45
50
Rx PATH SAMPLING RATE (MHz)
ULTRALOW POWER
LOW POWER
NORMAL
Figure 49. Typical Rx Path Analog Supply Current vs. Sample Rate,
VDD = 3.3 V for Normal, Low, and Ultralow Power Modes
Tx PATH BLOCK
The AD9863 transmit (Tx) path includes dual interpolating 12-bit
current output DACs that can be operated independently or can
be coupled to form a complex spectrum in an image reject transmit
architecture. Each channel includes two FIR filters, making the
AD9863 capable of 1×, 2×, or 4× interpolation. High speed input
and output data rates can be achieved within the limitations listed
in Table 9.
Table 9. AD9863 Tx Path Maximum Data Rate
Interpolation
Rate
24-Bit Interface
Mode
Input Data
Rate per
Channel
(MSPS)
DAC
Sampling
Rate
(MSPS)
1×
FD, HD12, Clone
80
80
HD24
160
160
2×
FD, HD12, Clone
80
160
HD24
80
160
4×
FD, HD12, Clone
50
200
HD24
50
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com