Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9863
Description  Transceiver for Broadband Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices AD9863 Datasheet HTML 27Page - Analog Devices AD9863 Datasheet HTML 28Page - Analog Devices AD9863 Datasheet HTML 29Page - Analog Devices AD9863 Datasheet HTML 30Page - Analog Devices AD9863 Datasheet HTML 31Page - Analog Devices AD9863 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Data Sheet
AD9863
Rev. B | Page 27 of 40
Table 14. Mode Pin Names and Descriptions
Pin Name
Description
ADC_LO_PWR
ADC Low Power Mode Option. ADC_LO_PWR is latched during the rising edge of RESET.
Logic low results in ADC operation at nominal power mode.
Logic high results in the ADC consuming 40% less power than the nominal power mode.
FD/HD (SDO)
For flex I/O configuration, this control applies only if the SPI bus is disabled. FD/HD (SDO) is latched during the
rising edge of RESET.
Logic low setting identifies that the DUT flex I/O port will be configured for half-duplex operation.
12/24 (IFACE2) is also latched during the rising edge of RESET to identify interleaved data mode or parallel
data mode.
Logic low indicates that the flex I/O will configure itself for parallel data mode.
Logic high indicates that the flex I/O will configure itself for interleaved data mode.
12/ 24
For flex I/O configuration, the 12/24 pin control applies only if the SPI bus is disabled and the device is
configured for HD mode. 12/24 is latched during the rising edge of RESET.
12/24 (IFACE2) is used to identify interleaved data mode or parallel data modes.
Logic low indicates that the flex I/O will configure itself for HD24 mode.
Logic high indicates that the flex I/O will configure itself for HD12 mode.
SPI_Bus_Enable (SPI_CS)
SPI_CS is latched during the rising edge of RESET.
Logic low results in the SPI being disabled; SPI_DIO, SPI_CLK, and SPI_SDO act as mode pins configuration pins.
Logic high results in the SPI being fully operational; some mode pins will be disabled.
Interp0 and Interp1
Interpolation/PLL Factor Configuration. This control applies only if the SPI bus is disabled.
SPI_DIO (Interp1) and SPI_CLK (Interp0) configure the Tx path for 1× [00], 2× [01], or 4× [10] interpolation and
also enable the PLL of the same multiplication factor.
RxPWRDWN
Power-Down Control. RxPWRDWN logic level controls the power-down function of the Rx path.
Logic low results in the Rx path operating at normal power levels.
Logic high disables the ADC clock and disables some bias circuitry to reduce power consumption.
TxPWRDWN
Power-Down Control. TxPWRDWN logic level controls the power-down function of the Tx path.
Logic low results in the Tx path operating at normal power levels.
Logic high disables the DAC clocks and disables some bias circuitry to reduce power consumption.
Tx/Rx
Power-Down Control. Tx/Rx pin enables the appropriate Tx or Rx path in the half-duplex mode.
Logic low disables the Tx path and enables the Rx path.
Logic high disables the Rx path and enables the Tx path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com