Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 2Page - Analog Devices ADF9010 Datasheet HTML 3Page - Analog Devices ADF9010 Datasheet HTML 4Page - Analog Devices ADF9010 Datasheet HTML 5Page - Analog Devices ADF9010 Datasheet HTML 6Page - Analog Devices ADF9010 Datasheet HTML 7Page - Analog Devices ADF9010 Datasheet HTML 8Page - Analog Devices ADF9010 Datasheet HTML 9Page - Analog Devices ADF9010 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADF9010
Rev. 0 | Page 5 of 28
INTEGER-N PLL AND VCO CHARACTERISTICS
Table 3.
Parameter
B Version1
Unit
Test Conditions/Comments
Min
Typ
Max
VCOOPERATING FREQUENCY
3360
3840
MHz
LO OUTPUT CHARACTERISTICS
Measured at LO output (900 MHz)
VCO Control Voltage Sensitivity
8
MHz/V
3.6 GHz VCO frequency (taking into account
divide by 4)
Harmonic Content (Second)
−27
dBc
Harmonic Content (Third)
−14
dBc
Frequency Pushing (Open Loop)
1.2
MHz/V
Frequency Pulling (Open Loop)
10
Hz
Into 2.00 VSWR load.
Lock Time
1000
μs
10 kHz loop bandwidth
Output Power
−4 to +5
dBm
LO outputs combined in a 1:1 transformer;
programmable in 3 dB steps
Output Power Variation
±3
dB
NOISE CHARACTERISTICS
Measured at LO output (900 MHz)
VCO Phase Noise Performance2
@ 100 kHz Offset
−120
dBc/Hz
@ 1 MHz Offset
−141
dBc/Hz
@ 10 MHz Offset
−154
dBc/Hz
In-Band Phase Noise3, 4
−96
dBc/Hz
@ 1 kHz offset from carrier
Normalized In-Band Phase Noise Floor3, 4
−220
dBc/Hz
Spurious Frequencies at Output Channel Spacing
−70
dBc
900 MHz offset, 1 MHz PFD frequency, 250 kHz
channel spacing; loop bandwidth = 7.5 kHz
PHASE DETECTOR
Phase Detector Frequency5
8
MHz
Maximum Allowable Prescaler Output Frequency6
325
MHz
CHARGE PUMP
ICP Sink/Source
With RSET = 4.7 kΩ
High Value
5
mA
Low Value
0.625
mA
RSET Range
2.7
10
kΩ
ICP Three-State Leakage Current
0.2
nA
Sink and Source Current Matching
2
%
1.25 V ≤ VCP ≤ 2.5 V
ICP vs. VCP
1.5
%
1.25 V ≤ VCP ≤ 2.5 V
ICP vs. Temperature
2
%
VCP = 2.0 V
PLL REFERENCE
Reference Clock Frequency
10
104
MHz
Reference Clock Sensitivity
0.7
PLL VDD
V p-p
Reference Input Capacitance
5
pF
REFIN Input Current
±100
μA
1 Operating temperature range for the B version is −40°C to +85°C.
2 The noise of the VCO is measured in open-loop conditions.
3 The phase noise is measured with the EVAL-ADF9010EBZ1 evaluation board and the Agilent E5052A spectrum analyzer. The spectrum analyzer provides the REFIN for
the synthesizer; offset frequency = 1 kHz.
4 fREFIN = 10 MHz; fPFD = 1000 kHz; N = 3600; loop BW = 25 kHz.
5 Guaranteed by design. Sample tested to ensure compliance.
6 This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that
is less than this value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com