Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 1 Page - Analog Devices

  ADF9010 Datasheet HTML 1Page - Analog Devices ADF9010 Datasheet HTML 2Page - Analog Devices ADF9010 Datasheet HTML 3Page - Analog Devices ADF9010 Datasheet HTML 4Page - Analog Devices ADF9010 Datasheet HTML 5Page - Analog Devices ADF9010 Datasheet HTML 6Page - Analog Devices ADF9010 Datasheet HTML 7Page - Analog Devices ADF9010 Datasheet HTML 8Page - Analog Devices ADF9010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
900 MHz ISM Band
Analog RF Front End
ADF9010
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
840 MHz to 960 MHz ISM bands
Rx baseband analog low-pass filtering and PGA
Integrated RF Tx upconverter
Integrated integer-N PLL and VCO
Integrated Tx PA preamplifier
Differential fully balanced architectures
3.3 V supply
Low power mode: <1 mA power-down current
Programmable Rx LPF cutoff
330 kHz, 880 kHz, 1.76 MHz, and bypass
Rx PGA gain settings: 3 dB to 24 dB in 3 dB steps
Low noise BiCMOS technology
48-lead, 7 mm × 7 mm LFCSP
APPLICATIONS
900 MHz RFID readers
Unlicensed band 900 MHz applications
FUNCTIONAL BLOCK DIAGRAM
AGND
DGND
÷4
24-BIT
INPUT SHIFT
REGISTER
PHASE
FREQUENCY
DETECTOR
PRESCALER
P/P + 1
N COUNTER
N = BP + A
PLL
DC OFFSET
CORRECTION
DC OFFSET
CORRECTION
TxOUTP
TxOUTN
TxBBIP
TxBBIN
TxBBQP
TxBBQN
CP
REFIN
SCLK
SDATA
SLE
AVDD
DVDD
VP
MUXOUT
RxCM
R
COUNTER
B
COUNTER
A
COUNTER
VCM
VCM
RSET
RxINIP
RxININ
RxBBIP
RxBBIN
RxBBQP
RxBBQN
RxINQP
RxINQN
OVF
CEXT1
CEXT2
CEXT3
CEXT4
CT
CE
ADF9010
LOOUTP
LOOUTN
QUADRATURE
PHASE SPLITTER
CHARGE
PUMP
RXVDD
VTUNE
Figure 1.
GENERAL DESCRIPTION
The ADF9010 is a fully integrated RF Tx modulator and Rx
analog baseband front end that operates in the frequency
range from 840 MHz to 960 MHz. The receive path consists
of a fully differential I/Q baseband PGA, low-pass filter, and
general signal conditioning before connecting to an Rx ADC
for baseband conversion. The Rx LPF gain ranges from 3 dB
to 24 dB, programmable in 3 dB steps. The Rx LPF features
four programmable modes with cutoff frequencies of 330 kHz,
880 kHz, and 1.76 MHz, or the filter can be bypassed if necessary.
The transmit path consists of a fully integrated differential Tx
direct I/Q upconverter with a high linearity PA driver amplifier.
It converts a baseband I/Q signal to an RF carrier-based signal
between 840 MHz and 960 MHz. The highly linear transmit
signal path ensures low output distortion.
Complete local oscillator (LO) signal generation is integrated
on chip, including the integer-N synthesizer and VCO, which
generate the required I and Q signals for transmit I/Q upconver-
sion. The LO signal is also available at the output to drive an
external RF demodulator. Control of all the on-chip registers
is via a simple 3-wire serial interface. The device operates with a
power supply ranging from 3.15 V to 3.45 V and can be powered
down when not in use.


Similar Part No. - ADF9010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010BCPZ AD-ADF9010BCPZ Datasheet
481Kb / 28P
900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010BCPZ-RL AD-ADF9010BCPZ-RL Datasheet
481Kb / 28P
900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010BCPZ-RL7 AD-ADF9010BCPZ-RL7 Datasheet
481Kb / 28P
900 MHz ISM Band Analog RF Front End
REV. 0
More results

Similar Description - ADF9010

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
900-MHz ISM Band Receiver
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
900 MHz ISM Band Analog RF Front End
REV. 0
logo
Skyworks Solutions Inc.
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
900 MHz Front-End Module
logo
World Produts Inc.
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
900 MHz ISM band Directional Panel Antenna
logo
Skyworks Solutions Inc.
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
900 to 930 MHz High-Power RF Front-End
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
900 to 930 MHz High-Power RF Front-End Module
logo
World Produts Inc.
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
900 MHz ISM Band Whip / Stubby Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com