Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 5Page - Analog Devices ADF9010 Datasheet HTML 6Page - Analog Devices ADF9010 Datasheet HTML 7Page - Analog Devices ADF9010 Datasheet HTML 8Page - Analog Devices ADF9010 Datasheet HTML 9Page - Analog Devices ADF9010 Datasheet HTML 10Page - Analog Devices ADF9010 Datasheet HTML 11Page - Analog Devices ADF9010 Datasheet HTML 12Page - Analog Devices ADF9010 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ADF9010
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
RxINIP
RxININ
RxVDD
LOOUTN
LOOUTP
AGND
DGND
REFIN
DVDD
VP
CP
AGND
RxBBIP
RxBBQP
RxBBQN
CEXT3
CEXT4
RSET
AVDD
TxBBIN
TxBBIP
TxBBQP
TxBBQN
35
RxBBIN
36
34
33
32
31
30
29
28
27
26
25
TOP VIEW
(Not to Scale)
ADF9010
NC = NO CONNECT
PIN 1
INDICATOR
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2
RxINIP, RxININ
Input/Complementary In-Phase Input to the Receive Filter Stage.
3, 46
RxVDD
Receiver Filter Power Supply. This voltage ranges from 3.15 V to 3.45 V. Decoupling capacitors to the
analog ground plane should be placed as close as possible to this pin. RxVDD must be the same
value as AVDD and DVDD.
4, 5
LOOUTN, LOOUTP
Buffered Local Oscillator Output. These outputs are used to provide the LO for the external RF
demodulator. These require an RF choke to AVDD and a dc bypass capacitor before connection to a
demodulator.
6, 12, 18, 24, 44
AGND
Analog Ground. This is the ground return path of analog circuitry.
7
DGND
Digital Ground.
8
REFIN
PLL Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent
input resistance of 100 kΩ (see Figure 13). This input can be driven from a TTL or CMOS crystal
oscillator, or it should be ac-coupled.
9, 37
DVDD
Digital Power Supply. This voltage ranges from 3.15 V to 3.45 V. Decoupling capacitors to the digital
ground plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
10
VP
This pin supplies the voltage to the charge pump. If the internal VCO is used, it should equal AVDD
and DVDD. If an external VCO is used, the voltage can be AVDD < VP < 5.5 V.
11
CP
Charge Pump Output. When enabled, this pin provides ±ICP to the external loop filter, which in turn
drives the external VCO.
13
CT
A capacitor connected to this pin is used to roll off noise from the VCO. It should be decoupled to
AGND with a value of 10 nF. The output voltage on this part is proportional to temperature. At
ambient temperature, the voltage is 2.0 V.
14
CEXT1
A capacitor connected to this pin is used to roll off noise from the VCO. It should be decoupled to
AGND with a value of 10 nF.
15
CEXT2
A capacitor connected to this pin is used to roll off noise from the VCO. It should be decoupled to
AGND with a value of 10 nF.
16, 21, 29
AVDD
Analog Power Supply. This voltage ranges from 3.15 V to 3.45 V. Decoupling capacitors to the
analog ground plane should be placed as close as possible to this pin. AVDD must be the same value
as DVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com