Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 6Page - Analog Devices ADF9010 Datasheet HTML 7Page - Analog Devices ADF9010 Datasheet HTML 8Page - Analog Devices ADF9010 Datasheet HTML 9Page - Analog Devices ADF9010 Datasheet HTML 10Page - Analog Devices ADF9010 Datasheet HTML 11Page - Analog Devices ADF9010 Datasheet HTML 12Page - Analog Devices ADF9010 Datasheet HTML 13Page - Analog Devices ADF9010 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ADF9010
Rev. 0 | Page 9 of 28
Pin No.
Mnemonic
Description
17
VTUNE
Control Input to the VCO. This input determines the VCO frequency and is derived from filtering the
CP output.
19, 20
LOEXTP, LOEXTN
Single-Ended External VCO Input of 50 Ω. This is used if the ADF9010 utilizes an optional external VCO.
These pins are internally dc-biased and must be ac-coupled. AC-couple LOEXTN to ground with 100 pF
and ac-couple the VCO signal with 100 pF through LOEXTP.
22, 23
TxOUTP, TxOUTN
Buffered Tx Output. These pins contain the Tx output signal, which can be combined in a balun for
best results.
25, 26
TxBBQN, TxBBQP
Baseband Quadrature Phase Input/Complementary Input to the Transmit Modulator.
27, 28
TxBBIP, TxBBIN
Baseband In-Phase Input/Complementary to the Transmit Modulator.
30
RSET
Connecting a resistor between this pin and AGND sets the maximum charge pump output current.
The nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
ICPMAX = 25.5/RSET
where:
RSET is 5.1 kΩ.
ICPMAX is 5 mA.
31
CEXT4
A capacitor connected to this pin is used to roll off noise from the VCO. It should be decoupled
to AGND with a value of 10 nF.
32
CEXT3
A capacitor connected to this pin is used to roll off noise from the VCO. It should be decoupled
to AGND with a value of 10 nF.
33, 34
RxBBQN, RxBBQP
Output/Complementary Filtered Quadrature Signals from the Receive Filter Stage. The filtered
output is passed to the baseband MxFE chip.
35, 36
RxBBIP, RxBBIN
Output/Complementary Filtered In-Phase from the Receive Filter Stage. The filtered output is
passed to the baseband MxFE chip.
38
CE
Chip Enable. A Logic 0 on this pin powers down the device. A Logic 1 on this pin enables the device
depending on the status of the power-down bits.
39
SCLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is
latched into the 24-bit shift register on the SCLK rising edge. This is a high impedance CMOS input.
40
SDATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This is
a high impedance CMOS input.
41
SLE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift register is loaded into
one of the four latches; the latch uses the control bits.
42
MUXOUT
This multiplexer output allows either the PLL lock detect, the scaled VCO frequency, or the scaled
PLL reference frequency to be accessed externally.
43
OVF
A rising edge on this pin drops the gain of the Rx path by 6 dB. This is used to rapidly drop the gain
if the ADC detects an overload.
45
NC
No Connect.
47, 48
RxINQP, RxINQN
Input/Complementary Quadrature Input to the Receive Filter Stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com