Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 3Page - Analog Devices ADF9010 Datasheet HTML 4Page - Analog Devices ADF9010 Datasheet HTML 5Page - Analog Devices ADF9010 Datasheet HTML 6Page - Analog Devices ADF9010 Datasheet HTML 7Page - Analog Devices ADF9010 Datasheet HTML 8Page - Analog Devices ADF9010 Datasheet HTML 9Page - Analog Devices ADF9010 Datasheet HTML 10Page - Analog Devices ADF9010 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ADF9010
Rev. 0 | Page 6 of 28
WRITE TIMING CHARACTERISTICS
AVDD = DVDD = 3.3 V ± 5%; AGND = DGND = GND = 0 V; TA = 25°C, guaranteed by design, but not production tested.
Table 4.
Parameter
Limit at tMIN to tMAX (B Version)
Unit
Test Conditions/Comments
t1
10
ns min
SDATA to SCLK setup time
t2
10
ns min
SDATA to SCLK hold time
t3
25
ns min
SCLK high duration
t4
25
ns min
SCLK low duration
t5
10
ns min
SCLK to SLE setup time
t6
20
ns min
SLE pulse width
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
DB22
DB23 (MSB)
SCLCK
SDATA
SLE
SLE
t3
t4
t2
t6
t5
t1
Figure 2. Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com