Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 7 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 3Page - ON Semiconductor AR0141CS Datasheet HTML 4Page - ON Semiconductor AR0141CS Datasheet HTML 5Page - ON Semiconductor AR0141CS Datasheet HTML 6Page - ON Semiconductor AR0141CS Datasheet HTML 7Page - ON Semiconductor AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AR0141CS
www.onsemi.com
7
Figure 4. 9 x 9 mm 63−Ball iBGA Package
A
B
C
D
E
F
G
H
Top View
(Ball Down)
SLVS0_N
SLVS0_P
SLVS1_N
SLVS1_P
VDD
STANDBY
VDD_PLL
SLVSC_N
SLVSC_P
SLVS2_N
SLVS2_P
VDD
VAA
VAA
EXTCLK
VDD_
SLVS
SLVS3_N
SLVS3_P
DGND
VDD
AGND
SADDR
SCLK
SDATA
DGND
DGND
VDD
VAA_PIX
VAA_PIX
LINE_
VALID
FRAME_
VALID
PIXCLK
FLASH
DGND
VDD_IO
NC
DOUT8
DOUT9DOUT10
DOUT11
DGND
VDD_IO
TEST
DOUT4DOUT5DOUT6DOUT7DGND
VDD_IO
TRIGGER
OE_BAR
DOUT0DOUT1DOUT2DOUT3DGND
VDD_IO
VDD_IO
RESET_
BAR
12
3
5
6
7
8
4
VDD
AGND
NC
Reserved
Note: No ball on A1 pin, 63 balls in total in actual iBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com