Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 30 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 26Page - ON Semiconductor AR0141CS Datasheet HTML 27Page - ON Semiconductor AR0141CS Datasheet HTML 28Page - ON Semiconductor AR0141CS Datasheet HTML 29Page - ON Semiconductor AR0141CS Datasheet HTML 30Page - ON Semiconductor AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
AR0141CS
www.onsemi.com
30
Figure 33. Format of Embedded Statistics Output within a Frame
{2’b00,frame
_countLSB}
{2’b00,frame
_IDMSB}
{2’b00,frame
_IDLSB}
histogram
bin0[9:0]
histogram
bin1[9:0]
#words=
10’h1EC
data_format_
code=8’h0B
#words=
10’h00C
data_format_
code=8’h0B
mean
[9:0]
histBegin
[19:10]
histBegin
[9:0]
histEnd
[19:10]
histEnd
[9:0]
lowEndMean
[19:10]
lowEndMean
[9:0]
perc_lowEnd
[19:10]
perc_lowEnd
[9:0]
norm_abs_
dev[19:10]
norm_abs_
dev[9:0]
8’h07
8’h07
8’h07
statsline 1
stats line 2
histogram
bin0[19:10]
histogram
bin243 [19:0]
histogram
bin243 [9:0]
histogram
bin1 [19:0]
mean
[19:10]
The statistics embedded in these rows are as follows:
Line 1:
• 0x0B0 − identifier
• Register 0x303A − frame_count
• Register 0x31D2 − frame ID
• Histogram data − histogram bins 0−243
Line 2:
• 0x0B0
• Mean
• Histogram Begin
• Histogram End
• Low End Histogram Mean
• Percentage of Pixels Below Low End Mean
• Normal Absolute Deviation
Test Patterns
The AR0141CS has the capability of injecting a number
of test patterns into the top of the datapath to debug the
digital logic. With one of the test patterns activated, any of
the datapath functions can be enabled to exercise it in a
deterministic fashion. Test patterns are selected by
Test_Pattern_Mode register (R0x3070). Only one of the test
patterns can be enabled at a given point in time by setting the
Test_Pattern_Mode register according to Table 17. When
test patterns are enabled the active area will receive the value
specified by the selected test pattern and the dark pixels will
receive the value in Test_Pattern_Green (R0x3074 and
R0x3078) for green pixels, Test_Pattern_Blue (R0x3076)
for blue pixels, and Test_Pattern_Red (R0x3072) for red
pixels. The noise pedestal offset at register 0x30FE impacts
on the test pattern output, so the noise_pedestal needs to be
set as 0x0000 for normal test pattern output.
Table 17. TEST PATTERN MODES
Test_Pattern_Mode
Test Pattern Output
0
No test pattern (normal operation)
1
Solid color test pattern
2
100% Vertical Color Bars test pattern
3
Fade−to−Gray Vertical Color Bars test pattern
256
Walking 1s test pattern (12−bit)
Solid Color
When the color field mode is selected, the value for each
pixel is determined by its color. Green pixels will receive the
value in Test_Pattern_Green, red pixels will receive the
value in Test_Pattern_Red, and blue pixels will receive the
value in Test_Pattern_Blue.
Vertical Color Bars
When the vertical color bars mode is selected, a typical
color bar pattern will be sent through the digital pipeline.
Walking 1s
When the walking 1s mode is selected, a walking 1s
pattern will be sent through the digital pipeline. The first
value in each row is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com