Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 28 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 24Page - ON Semiconductor AR0141CS Datasheet HTML 25Page - ON Semiconductor AR0141CS Datasheet HTML 26Page - ON Semiconductor AR0141CS Datasheet HTML 27Page - ON Semiconductor AR0141CS Datasheet HTML 28Page - ON Semiconductor AR0141CS Datasheet HTML 29Page - ON Semiconductor AR0141CS Datasheet HTML 30Page - ON Semiconductor AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
AR0141CS
www.onsemi.com
28
Figure 31. Example of Changing the Sensor from Context A to Context B
Active Rows
Vertical Blanking
Time
1/60 s
End of Frame
Readout
End of Frame
Readout
Start of Vertical Blanking
Start of Frame
Start of Active Row
Serial SYNC Codes
End of Frame
1/60 s
1280 x 720
Frame N
HB (370 Pixels/Column)
Write context A to B
during readout of Frame N
Integration time of context
B mode implemented
during readout of frame
N+1
Context B mode is
implemented in frame N+2
1/30 s
End of Frame
Readout
Frame N + 1
Frame N + 2
1280 x 720
1280 x 720
HB (370 Pixels/Column)
HB (370 Pixels/Column)
Compression
The AR0141CS can optionally compress 12−bit data to
10−bit using A−law compression. The compression is
applied after the data pedestal has been added to the data. See
“Data Pedestals”.
The A−law compression is disabled by default and can be
enabled by setting R0x31D0 from “0” to “1” and 0x31AC
needs to be set to 0x0C0A.
Table 16.
A−LAW COMPRESSION TABLE FOR 12−10 BITS
Input Range
Input Values
Compressed Codeword
11
10
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
0 to 127
0
0
0
0
0
a
b
c
d
e
f
g
0
0
0
a
b
c
d
e
f
g
128 to 255
0
0
0
0
1
a
b
c
d
e
f
g
0
0
1
a
b
c
d
e
f
g
256 to 511
0
0
0
1
a
b
c
d
e
f
g
X
0
1
0
a
b
c
d
e
f
g
512 to 1023
0
0
1
a
b
c
d
e
f
g
X
X
0
1
1
a
b
c
d
e
f
g
1024 to 2047
0
1
a
b
c
d
e
f
g
h
X
X
1
0
a
b
c
d
e
f
g
h
2048 to 4095
1
a
b
c
d
e
f
g
h
X
X
X
1
1
a
b
c
d
e
f
g
h
Temperature Sensor
The AR0141CS sensor has a built−in temperature sensor,
accessible through registers, that is capable of measuring die
junction temperature.
The temperature sensor can be enabled by writing
R0x30B4[0] = 1 and R0x30B4[4] =1. After this, the
temperature sensor output value can be read from
R0x30B2[9:0].
The value read out from the temperature sensor register is
an ADC output value that needs to be converted downstream
to a final temperature value in degrees Celsius. Since the
PTAT device characteristic response is quite linear in the
temperature range of operation required, a simple linear
function in the format of the equation below can be used to
convert the ADC output value to the final temperature in
degrees Celsius.
(eq. 9)
Temperature + slope
R0x30B2[9 : 0] ) T0
For this conversion, a minimum of two known points are
needed to construct the line formula by identifying the slope
and y−intercept “T0”. These calibration values can be read
from registers R0x30C6 and R0x30C8, which correspond to
value read at 105°C and 55°C respectively. Once read, the
slope and y−intercept values can be calculated and used in
Equation 9
For more information on the temperature sensor registers,
refer to the AR0141CS Register Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com