Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 44 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 44 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor AR0141CS Datasheet HTML 42Page - ON Semiconductor AR0141CS Datasheet HTML 43Page - ON Semiconductor AR0141CS Datasheet HTML 44Page - ON Semiconductor AR0141CS Datasheet HTML 45Page - ON Semiconductor AR0141CS Datasheet HTML 46Page - ON Semiconductor AR0141CS Datasheet HTML 47Page - ON Semiconductor AR0141CS Datasheet HTML 48Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AR0141CS
www.onsemi.com
44
Figure 47. Eye Diagram for Clock and Data Signals
UI/2
UI/2
TxPre
TxPost
CLOCK MASK
RISE
FALL
20%
80%
CLK JITTER
Trigger/Reference
DATA MASK
Figure 48. HiSPi Skew Between Data Signals Within the PHY
tCHSKEW1PHY
Table 33.
CHANNEL, PHY, AND INTRA−PHY SKEW
(Measurement Conditions: VDD_HiSPi = 1.8 V; VDD_HiSPi_TX = 0.8 V; Data DLL set to 0)
Data Lane Skew in Reference to Clock
tCHSKEW1PHY
−150
ps
Table 34.
CLOCK DLL STEPS
(Measurement Conditions: VDD_HiSPi = 1.8 V; VDD_HiSPi_TX = 0.8 V; Data DLL set to 0)
Clock DLL Step
1
2
3
4
5
Step
Delay at 660 Mbps
0.25
0.375
0.5
0.625
0.75
UI
Eye_opening at 660 Mbps
0.85
0.78
0.71
0.71
0.69
UI
1. The Clock DLL Steps 6 and 7 are not recommended by ON Semiconductor for the AR0141CS.
Table 35.
DATA DLL STEPS
(Measurement Conditions: VDD_HiSPi = 1.8 V; VDD_HiSPi_TX = 0.8 V; Data DLL set to 0)
Data DLL Step
1
3
4
5
Step
Delay at 660 Mbps
0.25
0.375
0.625
0.875
UI
Eye opening at 660 Mbps
0.79
0.84
0.71
0.61
UI
1. The Data DLL Steps 3, 5, and 7 are not recommended by ON Semiconductor for the AR0141CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com