Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 12 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AR0141CS
www.onsemi.com
12
Figure 12. Delaying the Clock with Respect to Data
1 UI
cp (CLOCK_DEL = 000)
dataN (DATAN_DEL = 000)
cp (CLOCK_DEL = 001)
cp (CLOCK_DEL = 010)
cp (CLOCK_DEL = 011)
cp (CLOCK_DEL = 100)
cp (CLOCK_DEL = 101)
cp (CLOCK_DEL = 110)
cp (CLOCK_DEL = 111)
Increasing CLOCK_DEL[2:0] Increases Clock Delay
Figure 13. Delaying Data with Respect to the Clock
1 UI
tDLLSTEP
cp (CLOCK_DEL = 000)
dataN (DATAN_DEL = 000)
dataN (DATAN_DEL = 001)
dataN (DATAN_DEL = 010)
dataN (DATAN_DEL = 011)
dataN (DATAN_DEL = 100)
dataN (DATAN_DEL = 101)
dataN (DATAN_DEL = 110)
dataN (DATAN_DEL = 111)
Increasing DATAN_DEL[2:0] Increases Data Delay
HiSPi Protocol Layer
The HiSPi protocol is described in the HiSPi Protocol
Specification document.
Serial Configuration
The serial format should be configured using R0x31AC.
Refer to the AR0141CS Register Reference document for
more detail regarding this register.
The serial_format register (R0x31AE) controls which
serial format is in use when the serial interface is enabled
(reset_register[12] = 0). The following serial formats are
supported:
• 0x0304 − Sensor supports quad−lane HiSPi operation
• 0x0302 − Sensor supports dual−lane HiSPi operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com