Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
AR0141CS
www.onsemi.com
16
SENSOR PLL
VCO
Figure 18. PLL Dividers Affecting VCO Frequency
pre_pll_clk_div
2(1−64)
pll_multiplier
58(32−384)
FVC0
EXTCLK
(6−50 MHz)
The sensor contains a phase−locked loop (PLL) that is
used for timing generation and control. The required VCO
clock frequency is attained through the use of a pre−PLL
clock divider followed by a multiplier. The PLL multiplier
should be an even integer. If an odd integer (M) is
programmed, the PLL will default to the lower (M−1) value
to maintain an even multiplier value. The multiplier is
followed by a set of dividers used to generate the output
clocks required for the sensor array, the pixel analog and
digital readout paths, and the output parallel and serial
interfaces.
Parallel PLL Configuration
Figure 19. PLL for the Parallel Interface
EXTCLK
(6−50 MHz)
CLK_OP
(Max 74.25 Mp/s)
FVC0
pre_pll_clk_div
2(1−64)
pll_multiplier
58(32−384)
vt_sys_clk_div
1 (1,2,4,6,8,10
12,14,16)
vt_pix_clk_div
6(4−16)
The maximum output of the parallel interface is 74.25
MPixel/s. The sensor will not use the FSERIAL,
FSERIAL_CLK, or CLK_OP when configured to use the
parallel interface.
Table 6. PLL PARAMETERS FOR THE PARALLEL INTERFACE
Parameter
Symbol
Min
Max
Unit
External Clock
EXTCLK
6
50
MHz
VCO Clock
FVCO
384
768
MHz
Output Clock
CLK_OP
74.25
Mpixel/s
Table 7. EXAMPLE PLL CONFIGURATION FOR THE PARALLEL INTERFACE
Parameter
Value
Output
FVCO
445.5 MHz (Max)
vt_sys_clk_div
1
vt_pix_clk_div
6
CLK_OP
74.25 MPixel/s (= 445.5 MHz / 6)
Output pixel rate
74.25 MPixel/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com