Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 42 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 42 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor AR0141CS Datasheet HTML 42Page - ON Semiconductor AR0141CS Datasheet HTML 43Page - ON Semiconductor AR0141CS Datasheet HTML 44Page - ON Semiconductor AR0141CS Datasheet HTML 45Page - ON Semiconductor AR0141CS Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
AR0141CS
www.onsemi.com
42
Table 28.
OPERATING CURRENT IN HiSPi OUTPUT AND LINEAR MODE
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital Operating Current
Streaming,1280x720 60 fps
IDD
–
147
170
mA
Analog operating current
Streaming,1280x720 60 fps
IAA
–
20
30
mA
Pixel Supply Current
Streaming,1280x720 60 fps
IAA_PIX
–
1.5
3
mA
PLL Supply Current
Streaming,1280x720 60 fps
IDD_PLL
–
5
9
mA
SLVS Supply Current
Streaming,1280x720 60 fps
IDD_SLVS
–
8
15
mA
HiVCM Supply Current
Streaming,1280x720 60 fps
IDD
–
22
25
mA
1. VAA = VAA_PIX = VDD_PLL = 2.8 V
VDD = VDD_IO = 1.8 V
VDD_SLVS = 1.8 V for HiVCM and = 0.4 V for SLVS
PLL Enabled and PIXCLK = 74.25 MHz
1x analog gain, 0.36 ms integration time, 60 fps, dark conditions
TJ = 25°C
Table 29.
STANDBY CURRENT CONSUMPTION
Definition
Condition
Symbol
Min
Typ
Max
Unit
Soft Standby (Clock Off)
Analog, 2.8 V
−
–
0
0.1
mA
Digital, 1.8 V
−
–
0.1
0.25
mA
Soft standby (Clock On)
Analog, 2.8 V
−
–
0.01
0.2
mA
Digital, 1.8 V
−
–
26
30
mA
1. Analog = VAA + VAA_PIX + VDD_PLL
2. Digital = VDD_IO + VDD_SLVS
HiSPi Electrical Specifications
NOTE: Refer to “High−Speed Serial Pixel Interface
Physical Layer Specification v2.00.00” for
further explanation of the HiSPi transmitter
specification. The electrical specifications below
supersede those given in the HiSPi Physical
Layer Specification.
Table 30.
SLVS POWER SUPPLY AND OPERATING TEMPERATURE
Parameter
Symbol
Min
Typ
Max
Unit
SLVS Current Consumption (Note 1, 2)
IDD_TX
18
mA
HiSPi PHY Current Consumption (Note 1, 2)
IDD_HiSPi
45
mA
Operating Temperature
TA
−30
70
°C
1. Temperature of 25°C
2. Up to 600 Mbps
Table 31.
SLVS ELECTRICAL DC SPECIFICATION
Parameter
Symbol
Min
Typ
Max
Unit
SLVS DC Mean Common Mode Voltage
VCM
0.45 × VDD_TX
0.5 × VDD_TX
0.55 × VDD_TX
V
SLVS DC Mean Differential Output Voltage
|VOD|
0.36 × VDD_TX
0.5 × VDD_TX
0.64 × VDD_TX
V
Change in VCM between Logic 1 and 0
ΔVCM
25
mV
Change in |VOD| between Logic 1 and 0
|VOD|
25
mV
VOD noise margin
NM
±30
%
Difference in VCM between any Two Channels
|ΔVCM|
50
mV
Difference in VOD between any Two Channels
|ΔVOD|
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com