Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 23 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor AR0141CS Datasheet HTML 21Page - ON Semiconductor AR0141CS Datasheet HTML 22Page - ON Semiconductor AR0141CS Datasheet HTML 23Page - ON Semiconductor AR0141CS Datasheet HTML 24Page - ON Semiconductor AR0141CS Datasheet HTML 25Page - ON Semiconductor AR0141CS Datasheet HTML 26Page - ON Semiconductor AR0141CS Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
AR0141CS
www.onsemi.com
23
SLAVE MODE
The slave mode feature of the AR0141CS supports
triggering the start of a frame readout from a VD signal that
is supplied from an external device. The slave mode signal
allows for precise control of frame rate and register change
updates. The VD signal is an edge triggered input to the
trigger pin and must be at least 3 PIXCLK cycles wide.
Figure 26. Slave Mode Active State and Vertical Blanking
Start of frame N
End of frame N
Start of frame N + 1
Frame Valid
OB Rows (2, 4, or 8 rows)
Embedded Data Row (2 rows)
Active Data Rows
Blank Rows (2 rows)
Extra Vertical Blanking
(frame_length_lines − min_frame_length_lines)
VD Signal
Slave Mode Active State
The period between the
rising edge of the VD signal
and the slave mode ready
state is TFRAME + 16 clock
Extra Delay (clocks)
If the slave mode is disabled, the new frame will begin
after the extra delay period is finished.
The slave mode will react to the rising edge of the input
VD signal if it is in an active state. When the VD signal is
received, the sensor will begin the frame readout and the
slave mode will remain inactive for the period of one frame
time plus 16 clock periods (TFRAME + (16 / CLK_PIX)).
After this period, the slave mode will re−enter the active
state and will respond to the VD signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com