Electronic Components Datasheet Search
  English  ▼

X  

AR0331 Datasheet(PDF) 46 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 46 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 42Page - ON Semiconductor AR0331 Datasheet HTML 43Page - ON Semiconductor AR0331 Datasheet HTML 44Page - ON Semiconductor AR0331 Datasheet HTML 45Page - ON Semiconductor AR0331 Datasheet HTML 46Page - ON Semiconductor AR0331 Datasheet HTML 47Page - ON Semiconductor AR0331 Datasheet HTML 48Page - ON Semiconductor AR0331 Datasheet HTML 49Page - ON Semiconductor AR0331 Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
AR0331
www.onsemi.com
46
Table 29.
OPERATING CURRENT IN HiSPi (SLVS) OUTPUT AND LINEAR MODE (continued)
Definition
Unit
Max
Typ
Min
Symbol
Condition
PLL Supply Current
Streaming, 1080p60
IDD_PLL
8
12
mA
SLVS Supply Current
Streaming, 1080p60
IDD_SLVS
9
13
mA
1. Operating currents are measured at the following conditions:
VAA = VAA_PIX= VDD_PLL=2.8 V
VDD =VDD_IO= 1.8 V
VDD_SLVS = 0.4 V
PLL Enabled and PIXCLK=74.25 MHz
TA = 25°C
Table 30.
OPERATING CURRENT IN HiSPi (SLVS) OUTPUT AND HDR MODE
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital Operating Current
Streaming, 2048x1536 30fps
IDD
317
358
mA
Analog Operating Current
Streaming, 2048x1536 30fps
IAA
45
55
mA
Pixel Supply Current
Streaming, 2048x1536 30fps
IAA_PIX
8
13
mA
PLL Supply Current
Streaming, 2048x1536 30fps
IDD_PLL
8
12
mA
SLVS Supply Current
Streaming, 2048x1536 30fps
IDD_SLVS
9
13
mA
Digital Operating Current
Streaming, 1080p60
IDD
323
358
mA
Analog Operating Current
Streaming, 1080p60
IAA
55
70
mA
Pixel Supply Current
Streaming, 1080p60
IAA_PIX
9
14
mA
PLL Supply Current
Streaming, 1080p60
IDD_PLL
8
12
mA
SLVS Supply Current
Streaming, 1080p60
IDD_SLVS
9
13
mA
1. Operating currents are measured at the following conditions:
VAA=VAA_PIX= VDD_PLL=2.8 V
VDD = VDD_IO= 1.8 V
VDD_SLVS = 0.4 V
PLL Enabled and PIXCLK=74.25 MHz
TA = 25°C
HiSPi Electrical Specifications
The ON Semiconductor AR0331 sensor supports both
SLVS and HiVCM HiSPi modes. Please refer to the
High-Speed Serial Pixel (HiSPi) Interface Physical Layer
Specification
v2.00.00
for
electrical
definitions,
specifications, and timing information. The VDD_SLVS
supply in this datasheet corresponds to VDD_TX in the
HiSPi Physical Layer Specification. Similarly, VDD is
equivalent to VDD_HiSPi as referenced in the specification.
The DLL as implemented on AR0331 is limited in the
number of available delay steps and differs from the HiSPi
specification as described in this section.
Table 31.
CHANNEL SKEW
(Measurement Conditions: VDD_HiSPi = 1.8 V; VDD_HiSPi_TX = 0.8 V; Data Rate = 480 Mbps; DLL set to 0)
Data Lane Skew in Reference to Clock
tCHSKEW1PHY
−150
ps
Table 32.
CLOCK DLL STEPS
(Measurement Conditions: VDD_HiSPi = 1.8 V; VDD_HiSPi_TX = 0.8 V; Data DLL set to 0)
Clock DLL Step
1
2
3
4
5
6
Delay at 660 Mbps
0.25
0.375
0.5
0.625
0.75
UI
Eye_opening at 660 Mbps
0.85
0.78
0.71
0.71
0.69
UI
1. The Clock DLL Steps 6 and 7 are not recommended by ON Semiconductor for the AR0331.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com