Electronic Components Datasheet Search
  English  ▼

X  

AR0331 Datasheet(PDF) 30 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 26Page - ON Semiconductor AR0331 Datasheet HTML 27Page - ON Semiconductor AR0331 Datasheet HTML 28Page - ON Semiconductor AR0331 Datasheet HTML 29Page - ON Semiconductor AR0331 Datasheet HTML 30Page - ON Semiconductor AR0331 Datasheet HTML 31Page - ON Semiconductor AR0331 Datasheet HTML 32Page - ON Semiconductor AR0331 Datasheet HTML 33Page - ON Semiconductor AR0331 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AR0331
www.onsemi.com
30
Figure 30. Slave Mode Example with Equal Integration and Frame Readout Periods
Row 0
Row N
Rising
Edge
Rising
Edge
Row Readout
Programmed Integration
Integration due to
Slave Mode Delay
Slave Mode
Trigger
Rising edge of VD
signal triggers the start
of the frame readout.
Row Reset
(start of integration)
Frame
Valid
VD Signal
Rising
Edge
The Slave Mode will become “Active” after the last row period. Both the row reset and row read
operations will wait until the rising edge of the VD signal. .
Row reset and read
operations begin
after the rising edge
of the VD signal.
Active
Active
Inactive
Inactive
Note:
The integration of the last row is started before the end of the programmed integration for the first row.
The row shutter and read operations will stop when the
slave mode becomes active and is waiting for the VD signal.
The following should be considered when configuring the
sensor to use the slave mode:
1. The frame period (TFRAME) should be configured
to be less than the period of the input VD signal.
The sensor will disregard the input VD signal if it
appears before the frame readout is finished.
2. If the sensor integration time is configured to be
less than the frame period, then the sensor will not
have reset all of the sensor rows before it begins
waiting for the input VD signal. This error can be
minimized by configuring the frame period to be
as close as possible to the desired frame rate
(period between VD signals).
Figure 31. Slave Mode Example Where the Integration Period is Half of the Frame Readout Period
Row 0
Row N
Rising
Edge
Rising
Edge
Row Readout
Programmed Integration
Integration due to
Slave Mode Delay
Slave Mode
Trigger
Row Reset
(start of integration)
Frame
Valid
VD Signal
Rising
Edge
Reset operation is held during slave mode “Active” state.
Row reset and read
operations begin after
the rising edge of the
Vd signal.
8.33 ms 8.33 ms
Active
Active
Inactive
Inactive
Note:
The sensor read pointer will have paused at row 0 while the shutter pointer pauses at row N/2. The extra integration
caused by the slave mode delay will only be seen by rows 0 to N/2. The example below is for a frame readout
period of 16.6 ms while the integration time is configured to 8.33 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com