Electronic Components Datasheet Search
  English  ▼

X  

AR0331 Datasheet(PDF) 31 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 27Page - ON Semiconductor AR0331 Datasheet HTML 28Page - ON Semiconductor AR0331 Datasheet HTML 29Page - ON Semiconductor AR0331 Datasheet HTML 30Page - ON Semiconductor AR0331 Datasheet HTML 31Page - ON Semiconductor AR0331 Datasheet HTML 32Page - ON Semiconductor AR0331 Datasheet HTML 33Page - ON Semiconductor AR0331 Datasheet HTML 34Page - ON Semiconductor AR0331 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
AR0331
www.onsemi.com
31
When the slave mode becomes active, the sensor will
pause both row read and row reset operations. (Note: The
row integration period is defined as the period from row
reset to row read.) The frame-time should therefore be
configured so that the slave mode “wait period” is as short
as possible. In the case where the sensor integration time is
shorter than the frame time, the “wait period” will only
increase the integration of the rows that have been reset
following the last VD pulse.
The period between slave mode pulses must also be
greater than the frame period. If the rising edge of the VD
pulse arrives while the slave mode is inactive, the VD pulse
will be ignored and will wait until the next VD pulse has
arrived.
To enter slave mode:
1. While in soft-standby, set R0x30CE[4] = 1 to enter
slave mode
2. Enable the input pins (TRIGGER) by setting
R0x301A[8] = 1
3. Enable streaming by setting R0x301A[2] = 1
4. Apply sync-pulses to the TRIGGER input
FRAME READOUT
The sensor readout begins with vertical blanking rows
followed by the active rows. The frame readout period can
be defined by the number of row periods within a frame
(frame_length_lines)
and
the
row
period
(line_length_pck/clk_pix). The sensor will read the first
vertical blanking row at the beginning of the frame period
and the last active row at the end of the row period.
Figure 32. Example of the Sensor Output of a 1928 x 1088 Frame at 60 fps
Active Rows
Vertical Blanking
Time
1/60s
End of Frame
Readout
End of Frame
Readout
Start of Vertical Blanking
Start of Frame
Start of Active Row
End of Line
Serial SYNC Codes
End of Frame
Row Reset
Row Read
Row Reset
Row Read
Frame Valid
Line Valid
1/60s
Row Reset
Row Read
Row Reset
Row Read
1928 x 1088
1928 x 1088
HB (136 Pixels/Column)
HB (136Pixels/Column)
Note:
The frame valid and line valid signals mentioned in this diagram represent internal signals within the sensor. The SYNC
codes represented in this diagram represent the HiSPi Streaming−SP protocol.
Figure 32 aligns the frame integration and readout
operation to the sensor output. It also shows the sensor
output using the HiSPi Streaming-SP protocol. Different
sensor protocols will list different SYNC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com