Electronic Components Datasheet Search
  English  ▼

X  

AR0331 Datasheet(PDF) 41 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 37Page - ON Semiconductor AR0331 Datasheet HTML 38Page - ON Semiconductor AR0331 Datasheet HTML 39Page - ON Semiconductor AR0331 Datasheet HTML 40Page - ON Semiconductor AR0331 Datasheet HTML 41Page - ON Semiconductor AR0331 Datasheet HTML 42Page - ON Semiconductor AR0331 Datasheet HTML 43Page - ON Semiconductor AR0331 Datasheet HTML 44Page - ON Semiconductor AR0331 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
AR0331
www.onsemi.com
41
ELECTRICAL SPECIFICATIONS
Unless otherwise stated, the following specifications
apply under the following conditions:
VDD = 1.8 V – 0.10/+0.15; VDD_IO = VDD_PLL = VAA
= VAA_PIX = 2.8 V ±0.3 V;
VDD_SLVS = 0.4 V – 0.1/+0.2; TA = −30°C to +85°C;
output load = 10 pF;
frequency = 74.25 MHz; HiSPi off.
Two-Wire Serial Register Interface
The electrical characteristics of the two-wire serial
register interface (SCLK, SDATA) are shown in Figure 44 and
Table 21.
Figure 44. Two-Wire Serial Bus Timing Parameters
S
Sr
tSU;STO
tSU;STA
tHD;STA
tHIGH
tLOW
tSU;DAT
tHD;DAT
tf
SDATA
SCLK
P
S
tBUF
tr
tf
tr
tHD;STA
Note: Read sequence: For an 8-bit READ, read waveforms start after WRITE command and register address are issued.
Table 21.
TWO−WIRE SERIAL BUS CHARACTERISTICS
(fEXTCLK = 27 MHz; VDD = 1.8 V; VDD_IO = 2.8 V; VAA = 2.8 V; VAA_PIX = 2.8 V; VDD_PLL = 2.8 V; VDD_DAC = 2.8 V; TA = 25°C)
Parameter
Symbol
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
SCLK Clock Frequency
fSCL
0
100
0
400
KHz
Hold Time (Repeated) START Condition
After this period, the first clock pulse is generated
tHD;STA
4.0
0.6
μS
LOW Period of the SCLK Clock
tLOW
4.7
1.3
μS
HIGH Period of the SCLK Clock
tHIGH
4.0
0.6
μS
Set up Time for a Repeated START Condition
tSU;STA
4.7
0.6
μS
Data Hold Time
tHD;DAT
0
(Note 4)
3.45
(Note 5)
0
(Note 6)
0.9
(Note 5)
μS
Data Set-up Time
tSU;DAT
250
100
(Note 6)
nS
Rise Time of Both SDATA and SCLK Signals
tr
1000
20 + 0.1Cb
(Note 7)
300
nS
Fall Time of Both SDATA and SCLK Signals
tf
300
20 + 0.1Cb
(Note 7)
300
nS
Set-up Time for STOP Condition
tSU;STO
4.0
0.6
μS
Bus Free Time between a STOP and START
Condition
tBUF
4.7
1.3
μS
Capacitive Load for Each bus Line
Cb
400
400
pF
Serial Interface Input pin Capacitance
CIN_SI
3.3
3.3
pF
SDATA Max Load Capacitance
CLOAD_SD
30
30
pF
SDATA Pull-up Resistor
RSD
1.5
4.7
1.5
4.7
1. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
2. Two-wire control is I2C-compatible.
3. All values referred to VIHmin = 0.9 VDD and VILmax = 0.1 VDD levels. Sensor EXCLK = 27 MHz.
4. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the undefined region of the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com