Electronic Components Datasheet Search
  English  ▼

X  

AR0331 Datasheet(PDF) 45 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 41Page - ON Semiconductor AR0331 Datasheet HTML 42Page - ON Semiconductor AR0331 Datasheet HTML 43Page - ON Semiconductor AR0331 Datasheet HTML 44Page - ON Semiconductor AR0331 Datasheet HTML 45Page - ON Semiconductor AR0331 Datasheet HTML 46Page - ON Semiconductor AR0331 Datasheet HTML 47Page - ON Semiconductor AR0331 Datasheet HTML 48Page - ON Semiconductor AR0331 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
AR0331
www.onsemi.com
45
Table 27.
OPERATING CURRENT IN HiSPi (HIVCM) OUTPUT AND LINEAR MODE
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital Operating Current
Streaming, 2048x1536 30fps
IDD
252
278
mA
Analog Operating Current
Streaming, 2048x1536 30fps
IAA
27
35
mA
Pixel Supply Current
Streaming, 2048x1536 30fps
IAA_PIX
5
10
mA
PLL Supply Current
Streaming, 2048x1536 30fps
IDD_PLL
8
12
mA
SLVS Supply Current
Streaming, 2048x1536 30fps
IDD_SLVS
22
26
mA
Digital Operating Current
Streaming, 1080p60
IDD
276
302
mA
Analog Operating Current
Streaming, 1080p60
IAA
37
45
mA
Pixel Supply Current
Streaming, 1080p60
IAA_PIX
7
12
mA
PLL Supply Current
Streaming, 1080p60
IDD_PLL
8
12
mA
SLVS Supply Current
Streaming, 1080p60
IDD_SLVS
22
26
mA
1. Operating currents are measured at the following conditions:
VAA = VAA_PIX = VDD_PLL=2.8 V
VDD = VDD_IO= 1.8 V
VDD_SLVS = 1.8 V
PLL Enabled and PIXCLK=74.25 Mhz
TA = 25°C
Table 28.
OPERATING CURRENT IN HiSPi (HIVCM) OUTPUT AND HDR MODE
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital Operating Current
Streaming, 2048x1536 30fps
IDD
317
358
mA
Analog Operating Current
Streaming, 2048x1536 30fps
IAA
45
55
mA
Pixel Supply Current
Streaming, 2048x1536 30fps
IAA_PIX
8
13
mA
PLL Supply Current
Streaming, 2048x1536 30fps
IDD_PLL
8
12
mA
SLVS Supply Current
Streaming, 2048x1536 30fps
IDD_SLVS
22
26
mA
Digital Operating Current
Streaming, 1080p60
IDD
323
358
mA
Analog Operating Current
Streaming, 1080p60
IAA
55
70
mA
Pixel Supply Current
Streaming, 1080p60
IAA_PIX
9
14
mA
PLL Supply Current
Streaming, 1080p60
IDD_PLL
8
12
mA
SLVS Supply Current
Streaming, 1080p60
IDD_SLVS
24
28
mA
1. Operating currents are measured at the following conditions:
VAA = VAA_PIX = VDD_PLL=2.8 V
VDD = VDD_IO= 1.8 V
VDD_SLVS = 1.8 V
PLL Enabled and PIXCLK = 74.25 MHz
TA = 25°C
Table 29.
OPERATING CURRENT IN HiSPi (SLVS) OUTPUT AND LINEAR MODE
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital Operating Current
Streaming, 2048x1536 30fps
IDD
252
278
mA
Analog Operating Current
Streaming, 2048x1536 30fps
IAA
27
35
mA
Pixel Supply Current
Streaming, 2048x1536 30fps
IAA_PIX
5
10
mA
PLL Supply Current
Streaming, 2048x1536 30fps
IDD_PLL
8
12
mA
SLVS Supply Current
Streaming, 2048x1536 30fps
IDD_SLVS
9
13
mA
Digital Operating Current
Streaming, 1080p60
IDD
276
302
mA
Analog Operating Current
Streaming, 1080p60
IAA
37
45
mA
Pixel Supply Current
Streaming, 1080p60
IAA_PIX
7
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com