Electronic Components Datasheet Search
  English  ▼

X  

AR0331 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 4 Page - ON Semiconductor

  AR0331 Datasheet HTML 1Page - ON Semiconductor AR0331 Datasheet HTML 2Page - ON Semiconductor AR0331 Datasheet HTML 3Page - ON Semiconductor AR0331 Datasheet HTML 4Page - ON Semiconductor AR0331 Datasheet HTML 5Page - ON Semiconductor AR0331 Datasheet HTML 6Page - ON Semiconductor AR0331 Datasheet HTML 7Page - ON Semiconductor AR0331 Datasheet HTML 8Page - ON Semiconductor AR0331 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
AR0331
www.onsemi.com
4
Figure 2. Typical Configuration: Serial Four-Lane HiSPi Interface
VAA_PIX
Master clock
(6–48 MHz)
DGND
Digital
ground
Analog
ground
Notes:
1. All power supplies should be adequately decoupled.
2. ON Semiconductor recommends a resistor value of 1.5 kΩ, but a greater value may be used for slower two-wire speed.
3. The parallel interface output pads can be left unconnected if the serial output interface is used.
4. ON Semiconductor recommends that 0.1 μF and 10 μF decoupling capacitors for each power supply
are mounted as close as possible to the pad. Actual values and results may vary depending on layout and design
considerations. Refer to the AR0331 demo headboard schematics for circuit recommendations.
5. ON Semiconductor recommends that analog power planes are placed in a manner such that coupling
with the digital power planes is minimized.
6. I/O signals voltage must be configured to match VDD_IO voltage to minimize any leakage currents.
EXTCLK
From
Controller
VDD_IO VDD
VDD_PLL VAA
To
Controller
Digital I/0
Power1
Digital
Core
Power1
HiSPi
Power1
PLL
Power1
Analog
Power1
Analog
Power1
VDD_IO
VDD
VDD_SLVS
VDD_PLL
VAA
AGND
SLVSC_N
SLVSC_P
SLVS0_P
SLVS0_N
SLVS1_P
SLVS1_N
SLVS2_P
SLVS2_N
SLVS3_P
SLVS3_N
SHUTTER
FLASH
SDATA
SCLK
RESET_BAR
TEST
TRIGGER
OE_BAR
SADDR
VAA_PIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com