Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 1 Page - Linear Technology

  LTC1407 Datasheet HTML 1Page - Linear Technology LTC1407 Datasheet HTML 2Page - Linear Technology LTC1407 Datasheet HTML 3Page - Linear Technology LTC1407 Datasheet HTML 4Page - Linear Technology LTC1407 Datasheet HTML 5Page - Linear Technology LTC1407 Datasheet HTML 6Page - Linear Technology LTC1407 Datasheet HTML 7Page - Linear Technology LTC1407 Datasheet HTML 8Page - Linear Technology LTC1407 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1407/LTC1407A
1407f
Serial 12-Bit/14-Bit, 3Msps
Simultaneous Sampling
ADCs with Shutdown
s
3Msps Sampling ADC with Two Simultaneous
Differential Inputs
s
1.5Msps Throughput per Channel
s
Low Power Dissipation: 14mW (Typ)
s
3V Single Supply Operation
s
2.5V Internal Bandgap Reference with External
Overdrive
s
3-Wire Serial Interface
s
Sleep (10
µW) Shutdown Mode
s
Nap (3mW) Shutdown Mode
s
80dB Common Mode Rejection at 100kHz
s
0V to 2.5V Unipolar Input Range
s
Tiny 10-Lead MS Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Telecommunications
s
Data Acquisition Systems
s
Uninterrupted Power Supplies
s
Multiphase Motor Control
s
I & Q Demodulation
s
Industrial Control
The LTC
®1407/LTC1407A are 12-bit/14-bit, 3Msps ADCs
with two 1.5Msps simultaneously sampled differential
inputs. The devices draw only 4.7mA from a single 3V
supply and come in a tiny 10-lead MS package. A Sleep
shutdown feature lowers power consumption to 10
µW.
The combination of speed, low power and tiny package
makes the LTC1407/LTC1407A suitable for high speed,
portable applications.
The LTC1407/LTC1407A contain two separate differential
inputs that are sampled simultaneously on the rising edge
of the CONV signal. These two sampled inputs are then
converted at a rate of 1.5Msps per channel.
The 80dB common mode rejection allows users to elimi-
nate ground loops and common mode noise by measuring
signals differentially from the source.
The devices convert 0V to 2.5V unipolar inputs differen-
tially. The absolute voltage swing for CH0+, CH0–, CH1+
and CH1– extends from ground to the supply voltage.
The serial interface sends out the two conversion results in
32 clocks for compatibility with standard serial interfaces.
–
+
1
2
7
3
6
S & H
–
+
4
5
S & H
GND
11
EXPOSED PAD
VREF
10
µF
CH0–
CH0+
CH1–
CH1+
3V
10
µF
LTC1407A
8
10
9
THREE-
STATE
SERIAL
OUTPUT
PORT
MUX
2.5V
REFERENCE
TIMING
LOGIC
VDD
SDO
CONV
SCK
1407A BD
3Msps
14-BIT ADC
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
1407 G02
–86
–92
–98
–104
–50
–44
THD
3rd
2nd
FEATURES
DESCRIPTIO
APPLICATIO S
BLOCK DIAGRA
THD, 2nd and 3rd
vs Input Frequency


Similar Part No. - LTC1407

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
648Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps
LTC1407 LINER-LTC1407 Datasheet
358Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps
LTC1407 LINER-LTC1407 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC1407 LINER-LTC1407 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407 LINER-LTC1407 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1407

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
logo
Linear Technology
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
logo
Analog Devices
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com