Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 15Page - Linear Technology LTC1407 Datasheet HTML 16Page - Linear Technology LTC1407 Datasheet HTML 17Page - Linear Technology LTC1407 Datasheet HTML 18Page - Linear Technology LTC1407 Datasheet HTML 19Page - Linear Technology LTC1407 Datasheet HTML 20Page - Linear Technology LTC1407 Datasheet HTML 21Page - Linear Technology LTC1407 Datasheet HTML 22Page - Linear Technology LTC1407 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1407/LTC1407A
1407f
APPLICATIO S I FOR ATIO
;
———————mask and shift input data ——————————————
bufull:
b = *ar3+ << -0
; load acc b with BSP buffer and shift right -0
b = #07FFFh & b
; mask out the TRISTATE bits with #03FFFh
;
*ar2+ = data(#0bh)
; store B to out buffer and advance AR2 pointer
TC = (@ar2 == #02000h)
; output buffer is 2k starting at 1800h
if (TC) goto start
; restart if out buffer is at 1fffh
goto bufull
;
—————————dummy bsend return————————————
bsend
return_enable
;this is also a dummy return to define bsend
;in vector table file BVECTORS.ASM
;
——————————— end ISR ——————————————
.copy “c:\dskplus\1407A\s2k14ini.asm”
;initialize buffered serial port
.space 16*32
;clear a chunk at the end to mark the end
;======================================================================
;
;
VECTORS
;
;======================================================================
.sect “vectors”
;The vectors start here
.copy “c:\dskplus\1407A\bvectors.asm”
;get BSP vectors
.sect “buffer”
;Set address of BSP buffer for clearing
.space 16*0x800
.sect “result”
;Set address of result for clearing
.space 16*0x800
.end
; ***************************************************************************
; File: BVECTORS.ASM -> Vector Table for the ‘C54x DSKplus
10.Jul.96
;
BSP vectors and Debugger vectors
;
TDM vectors just return
; ***************************************************************************
; The vectors in this table can be configured for processing external and
; internal software interrupts. The DSKplus debugger uses four interrupt
; vectors. These are RESET, TRAP2, INT2, and HPIINT.
;
*
DO NOT MODIFY THESE FOUR VECTORS IF YOU PLAN TO USE THE DEBUGGER
*
;
; All other vector locations are free to use. When programming always be sure
; the HPIINT bit is unmasked (IMR=200h) to allow the communications kernel and
; host PC interact. INT2 should normally be masked (IMR(bit 2) = 0) so that the
; DSP will not interrupt itself during a HINT. HINT is tied to INT2 externally.
;
;
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com