Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 2 Page - Linear Technology

  LTC1407 Datasheet HTML 1Page - Linear Technology LTC1407 Datasheet HTML 2Page - Linear Technology LTC1407 Datasheet HTML 3Page - Linear Technology LTC1407 Datasheet HTML 4Page - Linear Technology LTC1407 Datasheet HTML 5Page - Linear Technology LTC1407 Datasheet HTML 6Page - Linear Technology LTC1407 Datasheet HTML 7Page - Linear Technology LTC1407 Datasheet HTML 8Page - Linear Technology LTC1407 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1407/LTC1407A
1407f
(Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Analog Input Voltage
(Note 3) ................................... – 0.3V to (VDD + 0.3V)
Digital Input Voltage .................... – 0.3V to (VDD + 0.3V)
Digital Output Voltage .................. – 0.3V to (VDD + 0.3V)
Power Dissipation .............................................. 100mW
Operation Temperature Range
LTC1407C/LTC1407AC ............................ 0
°C to 70°C
LTC1407I/LTC1407AI ......................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MSE PART MARKING
LTBDQ
LTBDR
LTAFE
LTAFF
LTC1407CMSE
LTC1407IMSE
LTC1407ACMSE
LTC1407AIMSE
TJMAX = 125°C, θJA = 150°C/ W
EXPOSED PAD IS GND (PIN 11)
MUST BE SOLDERED TO PCB
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With internal reference, VDD = 3V.
LTC1407
LTC1407A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
12
14
Bits
Integral Linearity Error
(Notes 5, 17)
q
–2
±0.25
2
–4
±0.5
4
LSB
Offset Error
(Notes 4, 17)
q
–10
±1
10
–20
±220
LSB
Offset Match from CH0 to CH1
(Note 17)
–5
±0.5
5
–10
±110
LSB
Gain Error
(Notes 4, 17)
q
–30
±5
30
–60
±10
60
LSB
Gain Match from CH0 to CH1
(Note 17)
–5
±1
5
–10
±210
LSB
Gain Tempco
Internal Reference (Note 4)
±15
±15
ppm/
°C
External Reference
±1
±1
ppm/
°C
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. With internal reference, VDD = 3V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Differential Input Range (Notes 3, 9)
2.7V
≤ VDD ≤ 3.3V
0 to 2.5
V
VCM
Analog Common Mode + Differential
0 to VDD
V
Input Range (Note 10)
IIN
Analog Input Leakage Current
q
1
µA
CIN
Analog Input Capacitance
13
pF
tACQ
Sample-and-Hold Acquisition Time
(Note 6)
q
39
ns
tAP
Sample-and-Hold Aperture Delay Time
1
ns
tJITTER
Sample-and-Hold Aperture Delay Time Jitter
0.3
ps
tSK
Sample-and-Hold Aperture Skew from CH0 to CH1
200
ps
CMRR
Analog Input Common Mode Rejection Ratio
fIN = 1MHz, VIN = 0V to 3V
–60
dB
fIN = 100MHz, VIN = 0V to 3V
–15
dB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
CO VERTER CHARACTERISTICS
A ALOG I PUT
1
2
3
4
5
CH0+
CH0–
VREF
CH1+
CH1–
10
9
8
7
6
CONV
SCK
SDO
VDD
GND
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com