Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 5 Page - Linear Technology

  LTC1407 Datasheet HTML 1Page - Linear Technology LTC1407 Datasheet HTML 2Page - Linear Technology LTC1407 Datasheet HTML 3Page - Linear Technology LTC1407 Datasheet HTML 4Page - Linear Technology LTC1407 Datasheet HTML 5Page - Linear Technology LTC1407 Datasheet HTML 6Page - Linear Technology LTC1407 Datasheet HTML 7Page - Linear Technology LTC1407 Datasheet HTML 8Page - Linear Technology LTC1407 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1407/LTC1407A
1407f
ENOBs and SINAD
vs Input Sinewave Frequency
SNR vs Input Frequency
VDD = 3V, TA = 25°C (LTC1407A)
THD, 2nd and 3rd
vs Input Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
748kHz Sine Wave 4096 Point
FFT Plot
1403kHz Input Summed with
1563kHz Input IMD 4096 Point
FFT Plot
98kHz Sine Wave 4096 Point
FFT Plot
FREQUENCY (MHz)
0.1
10.0
11.0
12.0
1
10
100
1407 G01
9.0
9.5
10.5
11.5
8.5
8.0
62
68
74
56
59
65
71
53
50
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
1407 G02
–86
–92
–98
–104
–50
–44
THD
3rd
2nd
FREQUENCY (MHz)
0.1
62
56
50
1
10
100
1407 G03
68
65
59
53
71
74
FREQUENCY (kHz)
–60
–30
–20
1407 G04
–70
–80
–120
–100
0
1.5Msps
–10
–40
–50
–90
–110
0
200
400
100
300
600
500
700
FREQUENCY (kHz)
–60
–30
–20
1407 G05
–70
–80
–120
–100
0
–10
–40
–50
–90
–110
0
200
400
100
300
600
500
700
1.5Msps
FREQUENCY (kHz)
0
–60
–30
–20
1407 G06
–70
–80
–120
200
400
100
300
600
500
700
–100
0
–10
–40
–50
–90
–110
1.5Msps
Differential Linearity for CH0 with
Internal 2.5V Reference
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
1407 G15
–0.6
0.6
0.8
0.2
12288
16384
Integral Linearity End Point Fit for
CH0 with Internal 2.5V Reference
OUTPUT CODE
0
–2.0
–1.6
–0.8
–0.4
0
2.0
0.8
4096
8192
1407 G16
–1.2
1.2
1.6
0.4
12288
16384
SFDR vs Input Frequency
FREQUENCY (MHz)
0.1
68
56
44
1
10
100
1407 G19
80
74
62
50
86
92
98
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com