Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 16Page - Linear Technology LTC1407 Datasheet HTML 17Page - Linear Technology LTC1407 Datasheet HTML 18Page - Linear Technology LTC1407 Datasheet HTML 19Page - Linear Technology LTC1407 Datasheet HTML 20Page - Linear Technology LTC1407 Datasheet HTML 21Page - Linear Technology LTC1407 Datasheet HTML 22Page - Linear Technology LTC1407 Datasheet HTML 23Page - Linear Technology LTC1407 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1407/LTC1407A
1407f
APPLICATIO S I FOR ATIO
* 2' cable from counter to CLK at DUT
*No right shift is needed to right justify the input data in the main program
*
*the two msbs should also be masked
*
****************************************************************************************************
*
Loopback
.set
NO
;(digital looback mode?)
DLB bit
Format
.set
BIT_16
;(Data format? 16,12,10,8)
FO bit
IntSync
.set
NO
;(internal Frame syncs generated?)
TXM bit
IntCLK
.set
NO
;(internal clks generated?)
MCM bit
BurstMode
.set
YES
;(if BurstMode=NO, then Continuous) FSM bit
CLKDIV
.set
3
;(3=default value, 1/4 CLOCKOUT)
PCM_Mode
.set
NO
;(Turn on PCM mode?)
FS_polarity
.set
YES
;(change polarity)YES=~~~\_/~~~, NO=___/~\___
CLK_polarity
.set
NO
;(change polarity)for BCLKR YES=_/~, NO=~\_
Frame_ignore
.set
!YES
;(inverted
!YES -ignores frame)
XMTautobuf
.set
NO
;(transmit autobuffering)
RCVautobuf
.set
NO
;(receive autobuffering)
XMThalt
.set
NO
;(transmit buff halt if XMT buff is full)
RCVhalt
.set
NO
;(receive buff halt if RCV buff is full)
XMTbufAddr
.set
0x600
;(address of transmit buffer)
RCVbufAddr
.set
0x800
;(address of receive buffer)
XMTbufSize
.set
0x200
;(length of transmit buffer)
RCVbufSize
.set
0x040
;(length of receive buffer)
*
* See notes in the ‘C54x CPU and Peripherals Reference Guide on setting up
* valid buffer start and length values.
*
*
**********************************************************************
.eval ((Loopback >> 1)|((Format & 2)<<1)|(BurstMode <<3)|(IntCLK <<4)|(IntSync
<<5)) ,SPCval
.eval ((CLKDIV)|(FS_polarity <<5)|(CLK_polarity<<6)|((Format &
1)<<7)|(Frame_ignore<<8)|(PCM_Mode<<9)), SPCEval
.eval (SPCEval|(XMTautobuf<<10)|(XMThalt<<12)|(RCVautobuf<<13)|(RCVhalt<<15)),
SPCEval
bspi1407A:
bspc = #SPCval
; places buffered serial port in reset
bspce = #SPCEval
; programs BSPCE and ABU
axr = #XMTbufAddr
; initializes transmit buffer start address
bkx = #XMTbufSize
; initializes transmit buffer size
arr = #RCVbufAddr
; initializes receive buffer start address
bkr = #RCVbufSize
; initializes receive buffer size
bspc = #(SPCval | GO)
; bring buffered serial port out of reset
return
; for transmit and receive because GO=0xC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com