Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 14Page - Linear Technology LTC1407 Datasheet HTML 15Page - Linear Technology LTC1407 Datasheet HTML 16Page - Linear Technology LTC1407 Datasheet HTML 17Page - Linear Technology LTC1407 Datasheet HTML 18Page - Linear Technology LTC1407 Datasheet HTML 19Page - Linear Technology LTC1407 Datasheet HTML 20Page - Linear Technology LTC1407 Datasheet HTML 21Page - Linear Technology LTC1407 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1407/LTC1407A
1407f
APPLICATIO S I FOR ATIO
; 08-21-03 ******************************************************************
; Files: 1407ASIAB.ASM -> 1407A Sine wave collection with Serial Port interface
;
both channels collected in sequence in the same 2k record
;
bvectors.asm
buffered mode.
;
s2k14ini.asm
2k buffer size.
; unipolar mode
; Works 16 or 64 clock frames.
; negative edge BCLKR
; negative BFSR pulse
; -0 data shifted
; 1' cable from counter to CONV at DUT
; 2' cable from counter to CLK at DUT
; ***************************************************************************
.width
160
.length
110
.title “sineb0 BSP in auto buffer mode”
.mmregs
.setsect “.text”,
0x500,0
;Set address of executable
.setsect “vectors”, 0x180,0
;Set address of incoming 1407A data
.setsect “buffer”,
0x800,0
;Set address of BSP buffer for clearing
.setsect “result”, 0x1800,0
;Set address of result for clearing
.text
;.text marks start of code
start:
;this label seems necessary
;Make sure /PWRDWN is low at J1-9
;to turn off AC01 adc
tim=#0fh
prd=#0fh
tcr = #10h
; stop timer
tspc = #0h
; stop TDM serial port to AC01
pmst = #01a0h
; set up iptr. Processor Mode STatus register
sp = #0700h
; init stack pointer.
dp = #0
; data page
ar2 = #1800h
; pointer to computed receive buffer.
ar3 = #0800h
; pointer to Buffered Serial Port receive buffer
ar4 = #0h
; reset record counter
call sineinit
; Double clutch the initialization to insure a proper
sinepeek:
call sineinit
; reset. The external frame sync must occur 2.5 clocks
; or more after the port comes out of reset.
wait
goto
wait
;
————————Buffered Receive Interrupt Routine -————————-
breceive:
ifr = #10h
; clear interrupt flags
TC = bitf(@BSPCE,#4000h) ; check which half (bspce(bit14)) of buffer
if (NTC) goto bufull
; if this still the first half get next half
bspce = #(2023h + 08000h); turn on halt for second half (bspce(bit15))
return_enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com