Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 3Page - Linear Technology LTC1407 Datasheet HTML 4Page - Linear Technology LTC1407 Datasheet HTML 5Page - Linear Technology LTC1407 Datasheet HTML 6Page - Linear Technology LTC1407 Datasheet HTML 7Page - Linear Technology LTC1407 Datasheet HTML 8Page - Linear Technology LTC1407 Datasheet HTML 9Page - Linear Technology LTC1407 Datasheet HTML 10Page - Linear Technology LTC1407 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1407/LTC1407A
1407f
PI FU CTIO S
CH0+ (Pin 1): Noninverting Channel 0. CH0+ operates fully
differentially with respect to CH0– with a 0V to 2.5V
differential swing and a 0 to VDD absolute input range.
CH0– (Pin 2): Inverting Channel 0. CH0– operates fully
differentially with respect to CH0+ with a –2.5V to 0V
differential swing and a 0 to VDD absolute input range.
VREF (Pin 3): 2.5V Internal Reference. Bypass to GND and
a solid analog ground plane with a 10
µF ceramic capacitor
(or 10
µF tantalum in parallel with 0.1µF ceramic). Can be
overdriven by an external reference voltage
≥2.55V and
≤VDD.
CH1+ (Pin 4): Noninverting Channel 1. CH1+ operates fully
differentially with respect to CH1– with a 0V to 2.5V
differential swing and a 0 to VDD absolute input range.
CH1– (Pin 5): Inverting Channel 1. CH1– operates fully
differentially with respect to CH1+ with a –2.5V to 0V
differential swing and a 0 to VDD absolute input range.
GND (Pins 6, 11): Ground and Exposed Pad. This single
ground pin and the Exposed Pad must be tied directly to
the solid ground plane under the part. Keep in mind that
analog signal currents and digital output signal currents
flow through these connections.
VDD (Pin 7): 3V Positive Supply. This single power pin
supplies 3V to the entire chip. Bypass to GND pin and solid
analog ground plane with a 10
µF ceramic capacitor (or
10
µF tantalum) in parallel with 0.1µF ceramic. Keep in
mind that internal analog currents and digital output signal
currents flow through this pin. Care should be taken to
place the 0.1
µF bypass capacitor as close to Pins 6 and 7
as possible.
SDO (Pin 8): Three-state Serial Data Output. Each pair of
output data words represent the two analog input chan-
nels at the start of the previous conversion.
SCK (Pin 9): External Clock Input. Advances the conver-
sion process and sequences the output data on the rising
edge. One or more pulses wake from sleep.
CONV (Pin 10): Convert Start. Holds the two analog input
signals and starts the conversion on the rising edge. Two
pulses with SCK in fixed high or fixed low state starts Nap
mode. Four or more pulses with SCK in fixed high or fixed
low state starts Sleep mode.
Reference Voltage vs VDD
VDD (V)
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
2.8
3.0
3.2
3.4
1407 G12
2.6
3.6
Reference Voltage
vs Load Current
LOAD CURRENT (mA)
0.4
0.8
1.2
1.6
1407 G13
2.0
0.2
0
0.6
1.0
1.4
1.8
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
VDD = 3V, TA = 25°C (LTC1407/LTC1407A)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com