Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 13Page - Linear Technology LTC1407 Datasheet HTML 14Page - Linear Technology LTC1407 Datasheet HTML 15Page - Linear Technology LTC1407 Datasheet HTML 16Page - Linear Technology LTC1407 Datasheet HTML 17Page - Linear Technology LTC1407 Datasheet HTML 18Page - Linear Technology LTC1407 Datasheet HTML 19Page - Linear Technology LTC1407 Datasheet HTML 20Page - Linear Technology LTC1407 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1407/LTC1407A
1407f
APPLICATIO S I FOR ATIO
HARDWARE INTERFACE TO TMS320C54x
The LTC1407/LTC1407A are serial output ADCs whose
interface has been designed for high speed buffered serial
ports in fast digital signal processors (DSPs). Figure 6
shows an example of this interface using a TMS320C54X.
The buffered serial port in the TMS320C54x has direct
access to a 2kB segment of memory. The ADC’s serial data
can be collected in two alternating 1kB segments, in real
time, at the full 3Msps conversion rate of the LTC1407/
LTC1407A. The DSP assembly code sets frame sync mode
at the BFSR pin to accept an external positive going pulse
1407 F06
7
10
9
8
6
3-WIRE SERIAL
INTERFACELINK
VDD
CONV
SCK
LTC1407/
LTC1407A
SDO
VCC
BFSR
BCLKR
TMS320C54x
BDR
GND
CONV
0V TO 3V LOGIC SWING
CLK
5V
3V
B13
B12
Figure 6. DSP Serial Interface to TMS320C54x
and the serial clock at the BCLKR pin to accept an external
positive edge clock. Buffers near the LTC1407/LTC1407A
may be added to drive long tracks to the DSP to prevent
corruption of the signal to LTC1407/LTC1407A. This con-
figuration is adequate to traverse a typical system board,
but source resistors at the buffer outputs and termination
resistors at the DSP, may be needed to match the charac-
teristic impedance of very long transmission lines. If you
need to terminate the SDO transmission line, buffer it first
with one or two 74ACxx gates. The TTL threshold inputs of
the DSP port respond properly to the 3V swing used with
the LTC1407/LTC1407A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com