Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 2Page - Linear Technology LTC1407 Datasheet HTML 3Page - Linear Technology LTC1407 Datasheet HTML 4Page - Linear Technology LTC1407 Datasheet HTML 5Page - Linear Technology LTC1407 Datasheet HTML 6Page - Linear Technology LTC1407 Datasheet HTML 7Page - Linear Technology LTC1407 Datasheet HTML 8Page - Linear Technology LTC1407 Datasheet HTML 9Page - Linear Technology LTC1407 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1407/LTC1407A
1407f
Differential Linearity for CH1 with
Internal 2.5V Reference
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
1407 G17
–0.6
0.6
0.8
0.2
12288
16384
Integral Linearity End Point Fit for
CH1 with Internal 2.5V Reference
OUTPUT CODE
0
–2.0
–1.6
–0.8
–0.4
0
2.0
0.8
4096
8192
1407 G18
–1.2
1.2
1.6
0.4
12288
16384
PSSR vs Frequency
Simultaneous Input Steps at CH0
and CH1 from 25
Ω
TIME (ns)
0
–0.6
–0.2
0.6
1.0
1.4
20
3.0
1407 G10
0.2
10
5
25
15
30
1.8
2.2
2.6
CH0
CH1
FREQUENCY (Hz)
110
–50
–45
–40
–35
–30
100
1k
10k
100k
1M
1407 G11
–55
–60
–65
–70
–25
Full-Scale Signal Frequency
Response
CMRR vs Frequency
Crosstalk vs Frequency
FREQUENCY (Hz)
1M
10M
100M
1G
–18
–12
–6
0
1407 G07
–24
–30
–36
6
12
FREQUENCY (Hz)
–80
–40
0
–100
–60
–20
100
1k
1407 G08
–120
10k
100k
1M
10M
100M
CH0
CH1
FREQUENCY (Hz)
–70
–50
–20
–80
–60
–40
–30
100
1k
10k
100k
1M
10M
1407 G09
–90
CH0 TO CH1
CH1 TO CH0
VDD = 3V, TA = 25°C (LTC1407A)
TYPICAL PERFOR A CE CHARACTERISTICS
VDD = 3V, TA = 25°C (LTC1407/LTC1407A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com