Electronic Components Datasheet Search
  English  ▼

X  

EP7209 Datasheet(PDF) 91 Page - Cirrus Logic

Part # EP7209
Description  Ultra-Low-Power Audio Decoder System-on-Chip
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7209 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button EP7209 Datasheet HTML 87Page - Cirrus Logic EP7209 Datasheet HTML 88Page - Cirrus Logic EP7209 Datasheet HTML 89Page - Cirrus Logic EP7209 Datasheet HTML 90Page - Cirrus Logic EP7209 Datasheet HTML 91Page - Cirrus Logic EP7209 Datasheet HTML 92Page - Cirrus Logic EP7209 Datasheet HTML 93Page - Cirrus Logic EP7209 Datasheet HTML 94Page - Cirrus Logic EP7209 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
EP7209
DS453PP2
91
5.16.3.11 Left Channel Transmit FIFO Not Full Flag (LCNF)
The left channel transmit FIFO not full flag (LCNF) is a read-only bit which is set when ever the left
channel transmit FIFO contains one or more entries which do not contain valid data. It is cleared when
the FIFO is completely full. This bit can be polled when using programmed I/O to fill the left channel
transmit FIFO. This bit does not request an interrupt.
5.16.3.12 Left Channel Receive FIFO Not Empty Flag (LCNE)
The left channel receive FIFO not empty flag (LCNE) is a read-only bit which is set when ever the left
channel receive FIFO contains one or more entries of valid data and is cleared when it no longer con-
tains any valid data. This bit can be polled when using programmed I/O to remove remaining data
from the receive FIFO. This bit does not request an interrupt.
5.16.3.13 FIFO Operation Completed Flag (FIFO)
The FIFO operation completed (FIFO) flag is set after the FIFO operation requested by writing to
DAIDR2 as completed.
FIFO is automatically cleared when DAIDR2 is read or written. This bit does not request an interrupt.
31:13
12
11
10
9
8
7
Reserved
FIFO
LCNE
LCNF
RCNE
RCNF
RCCELCRO
65
4
3
2
1
0
RCNFLCTU
LCRORCRO
LCTURCTU
LCRS
LCTS
LCRSRCRS
LCTSRCTS
Bit
Description
0
RCTS: Right Channel Transmit FIFO Service Request Flag (read-only)
0 — right channel transmit FIFO is more than half full (five or more entries filled) or DAI disabled
1 — right channel transmit FIFO is half full or less (four or fewer entries filled) and DAI operation
is enabled, interrupt request signaled if not masked
(if RCTM = 1)
1
RCRS: Right Channel Receive FIFO Service Request (read-only)
0 — right channel receive FIFO is less than half full (five or fewer entries filled) or DAI disabled
1 — right channel receive FIFO is half full or more (six or more entries filled) and DAI operation
is enabled, interrupt request signaled if not masked (if RCRM = 1)
2
LCTS: Left Channel Transmit FIFO Service Request Flag (read-only)
0 — Left Channel transmit FIFO is more than half full or less (four or fewer entries filled) or DAI
disabled.
1 — Left Channel transmit FIFO is half full or less (four or fewer entries filled) and DAI operation
is enabled, interrupt request signaled if not masked
(if LCTM = 1)
3
LCRS: 0 — Left Channel receive FIFO is less than half full (five or fewer entries filled) or DAI
disabled.
1 — Left Channel receive FIFO is half full or more (six or more entries filled) and DAI operation
is enabled, interrupt request signalled if not masked (if LCRM = 1)
Table 51. DAI Control, Data and Status Register Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com