Electronic Components Datasheet Search
  English  ▼

X  

EP7209 Datasheet(PDF) 11 Page - Cirrus Logic

Part # EP7209
Description  Ultra-Low-Power Audio Decoder System-on-Chip
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7209 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button EP7209 Datasheet HTML 7Page - Cirrus Logic EP7209 Datasheet HTML 8Page - Cirrus Logic EP7209 Datasheet HTML 9Page - Cirrus Logic EP7209 Datasheet HTML 10Page - Cirrus Logic EP7209 Datasheet HTML 11Page - Cirrus Logic EP7209 Datasheet HTML 12Page - Cirrus Logic EP7209 Datasheet HTML 13Page - Cirrus Logic EP7209 Datasheet HTML 14Page - Cirrus Logic EP7209 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
EP7209
DS453PP2
11
1.2
Units of Measurement
1.3
General Conventions
Hexadecimal numbers are presented with all letters
in uppercase and a lowercase ‘h’ appended or with
a 0x at the beginning.
For example, 0x14 and
03CAh are hexadecimal numbers. Binary numbers
are enclosed in single quotation marks when in text
(for example, ‘11’ designates a binary number).
Numbers not indicated by an ‘h’, 0x or quotation
marks are decimal.
Registers are referred to by acronym, as listed in
the tables on the previous page, with bits listed in
brackets MSB-to-LSB separated by a colon (:) (for
example, CODR[7:0]), or LSB-to-MSB separated
by a hyphen (for example, CODR[0–2]).
The use of ‘tbd’ indicates values that are ‘to be de-
termined’, ‘n/a’ designates ‘not available’, and
‘n/c’ indicates a pin that is a ‘no connect’.
1.4
Pin Description Conventions
Abbreviations used for signal directions are listed
in Table 3.
Symbol
Unit of Measure
°C
degree Celsius
Hz
hertz (cycle per second)
kbits/s
kilobits per second
kbyte
kilobyte (1,024 bytes)
kHz
kilohertz
k
Ω
kilohm
Mbps
megabits (1,048,576 bits) per second
Mbyte
megabyte (1,048,576 bytes)
MHz
megahertz (1,000 kilohertz)
µAmicroampere
µFmicrofarad
µWmicrowatt
µs
microsecond (1,000 nanoseconds)
mA
milliampere
mW
milliwatt
ms
millisecond (1,000 microseconds)
ns
nanosecond
Vvolt
Wwatt
Table 2. Unit of Measurement
Abbreviation
Direction
I
Input
OOutput
I/O
Input or Output
Table 3. Pin Description Conventions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com