Electronic Components Datasheet Search
  English  ▼

X  

EP7209 Datasheet(PDF) 44 Page - Cirrus Logic

Part # EP7209
Description  Ultra-Low-Power Audio Decoder System-on-Chip
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7209 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button EP7209 Datasheet HTML 40Page - Cirrus Logic EP7209 Datasheet HTML 41Page - Cirrus Logic EP7209 Datasheet HTML 42Page - Cirrus Logic EP7209 Datasheet HTML 43Page - Cirrus Logic EP7209 Datasheet HTML 44Page - Cirrus Logic EP7209 Datasheet HTML 45Page - Cirrus Logic EP7209 Datasheet HTML 46Page - Cirrus Logic EP7209 Datasheet HTML 47Page - Cirrus Logic EP7209 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
EP7209
44
DS453PP2
terface is in use (PCMEN1 or PCMEN2 bits in the
SYSCON2 register are enabled). FBADDR should
never be programmed to 0x7 or 0x8, as these are
the locations for the on-chip Boot ROM and inter-
nal registers.
The screen is mapped to the video frame buffer as
one contiguous block where each horizontal line of
pixels is mapped to a set of consecutive bytes or
words in the video RAM. The video frame buffer
can be accessed word wide as pixel 0 is mapped to
the LSB in the buffer such that the pixels are ar-
ranged in a Little Endian manner.
The pixel bit rate, and hence the LCD refresh rate,
can be programmed from 18.432 MHz to 576 kHz
when operating in 18.432–73.728 MHz mode, or
13 MHz to 203 kHz when operating from a
13 MHz clock. The LCD controller is programmed
by writing to the LCD control register (LCDCON).
The LCDCON register should not be repro-
grammed while the LCD controller is enabled.
The LCD controller also contains two 32-bit palette
registers, which allow any 4-, 2-, or 1-bit pixel val-
ue to be mapped to any of the 15 gray scale values
available. The required DMA bandwidth to support
a ½ VGA panel displaying 4-bits-per-pixel data at
an
80 Hz
refresh
rate
is
approximately
6.2 Mbytes/sec. Assuming the frame buffer is
stored in a 32-bit wide the maximum theoretical
bandwidth
available
is
86 Mbytes/sec
at
36.864 MHz, or 29.7 Mbytes/sec at 13 MHz.
The LCD controller uses a nine stage 32-bit wide
FIFO to buffer display data. The LCD controller re-
quests new data when there are five words remain-
ing in the FIFO. This means that for a ½ VGA
display at 4-bits-per-pixel and 80 Hz refresh rate,
the maximum allowable DMA latency is approxi-
mately 3.25
µsec ((5 words x 8 bits/byte)/(640 x
240 x 4bpp x 80 Hz)) = 3.25
µsec). The worst-case
latency is the total number of cycles from when the
DMA request appears to when the first DMA data
word actually becomes available at the FIFO.
DMA has the highest priority, so it will always hap-
pen next in the system. The maximum number of
cycles required is 36 from the point at which the
DMA request occurs to the point at which the STM
is complete, then another 6 cycles before the data
actually arrives at the FIFO from the first DMA
read. This creates a total of 42 cycles. Assuming
the frame buffer is located in 32-bit wide, the worst
case latency is almost exactly 3.2
µs, with 13 MHz
page mode cycles. With each cycle consuming
~77 ns (i.e., 1/1 MHz), the value of 3.2
µs comes
from 42 cycles x 77 ns/cycle = ~3.23
µsec. If 16-bit
wide, then the worst case latency will double. In
this case, the maximum permissible display size
will be halved, to approx. 320 x 240 pixels, assum-
ing the same pixel depth and refresh rate has to be
maintained. If the frame buffer is to be stored in
static memory, then further calculations must be
performed. If 18 MHz mode is selected, and 32-bit
wide, then the worst case latency will be 2.26
µsec
(i.e., 42 cycles x 54 nsec/cycle). If 36 MHz mode is
selected, and 32-bit wide, then the worst case laten-
cy drops down to 1.49
µs. This calculation is a little
more complex for 36 MHz mode of operation. The
total number of cycles = (12 x 4) + 7 = 55. Thus, 55
x
27 ns = ~1.49
µsec.
Figure 11 shows the organization of the video map
for all combinations of bits per pixel.
The refresh rate is not affected by the number of
bits per pixel; however the LCD controller fetches
twice the data per refresh for 4-bits-per-pixel com-
pared to 2-bits-per-pixel. The main reason for re-
ducing the number of bits per pixel is to reduce the
power consumption of the memory where the video
frame buffer is mapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com