Electronic Components Datasheet Search
  English  ▼

X  

EP7209 Datasheet(PDF) 2 Page - Cirrus Logic

Part # EP7209
Description  Ultra-Low-Power Audio Decoder System-on-Chip
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7209 Datasheet(HTML) 2 Page - Cirrus Logic

  EP7209 Datasheet HTML 1Page - Cirrus Logic EP7209 Datasheet HTML 2Page - Cirrus Logic EP7209 Datasheet HTML 3Page - Cirrus Logic EP7209 Datasheet HTML 4Page - Cirrus Logic EP7209 Datasheet HTML 5Page - Cirrus Logic EP7209 Datasheet HTML 6Page - Cirrus Logic EP7209 Datasheet HTML 7Page - Cirrus Logic EP7209 Datasheet HTML 8Page - Cirrus Logic EP7209 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
EP7209
OVERVIEW (cont.)
FEATURES (cont.)
2
DS453PP2
The EP7209 also includes a comprehensive set of
integrated peripherals such as an LCD display con-
troller, an audio DAC interface, and a FLASH memory
interface. Using the EP7209, a portable audio
decoder solution can be built with the addition of an
LCD display, an audio DAC, a FLASH memory sub-
system, and a small number of additional low cost
components.
The EP7209 uses its powerful 32-bit RISC process-
ing engine to implement audio decompression algo-
rithms in software. The nature of the on-board RISC
processor and the availability of efficient C-compilers
and other software development tools ensures that a
wide range of audio decompression algorithms can
easily be ported to and run on the EP7209.
The EP7209 uses external memory for storing appli-
cation code. The use of external memory to support
software audio decompression algorithms ensures
that the audio decompression system solution can be
tailored to the requirements of the application. Soft-
ware can be placed in a low cost mask ROM for price
sensitive applications, or can be placed in external
FLASH memory to enable upgradeable systems. The
EP7209’s 8 kbyte on-board cache and programma-
ble wait state generator ensure that a wide range of
memory options can be utilized.
The EP7209 runs a full ISO-compliant MPEG 1, 2, &
2.5 layer 3 audio decompression engine with less
than 50% of its available processing capability. This
leaves significant processing power available for
product differentiation.
MPEG 1, 2, & 2.5 Layer 3 Object Code Library
Cirrus Logic provides an object code library for
enabling MPEG 1, 2, & 2.5 layer 3 audio decompres-
sion. This library supports the MPEG 1 sample rates
of 48 k, 44.1 k and 32 k bits per second; the MPEG 2
sample rates of 24 k, 22.05 k and 16 k bits per sec-
ond; and the MPEG 2.5 sample rates of 12 k,
11.025 k and 8 k bits per second. In addition to all
standard fixed compressed data rates, the MPEG
layer 3 object code library also supports decompres-
sion of variable bit-rate data streams.
s Dynamically programmable clock speeds of 18,
36, 49, and 74 MHz at 2.5 V
s Performance matching 100 MHz Intel®
Pentium-based PC
s OEM customization
— Integrated ARM720T RISC processor
— Up to 25 MHz of CPU processing power available (after
digital audio decoding) for custom features such as soft-
ware EQ or tone control, volume control, spectrum
analyzer, random play order, etc.
— Allows for control of digital voice recorder function
s LCD controller
— Interfaces directly to a single-scan panel monochrome
LCD
— Panel width is programmable from 32 to 1024 pixels in
16-pixel increments
— Video frame buffer size programmable up to 128 kbytes
— Bits per pixel of 1, 2, or 4 bits
s Memory controller
— Decodes up to 6 separate memory segments of up to
256 Mbytes each
— Each segment can be configured as 8, 16, or 32 bits
wide and supports page-mode access
— Programmable access time for conventional
ROM/SRAM/FLASH memory
— Supports Removable FLASH card interface
— Enables connection to removable FLASH card for addi-
tion of expansion FLASH memory modules
s 38,400 bytes (0x9600) of on-chip SRAM for fast
program execution and/or as a frame buffer
s On-chip boot ROM for manufacturing support
s Integrated DAI interface
— Connects directly to a Crystal® audio DAC
s 27-bits of general-purpose I/O
— Three 8-bit and one 3-bit GPIO port
— Supports scanning keyboard matrix
s SIR (up to 115.2 kbps) infrared encoder/decoder
— IrDA (Infrared Data Association) SIR protocol
encoder/decoder
s DC-to-DC converter interface (PWM)
— Provides two 96 kHz clock outputs with programmable
duty ratio (from 1-in-16 to 15-in-16) that can be used to
drive a DC to DC converter
s 208-pin LQFP or 256-ball PBGA packages
s Full JTAG boundary scan and Embedded ICE
support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com