Electronic Components Datasheet Search
  English  ▼

X  

EP7209 Datasheet(PDF) 32 Page - Cirrus Logic

Part # EP7209
Description  Ultra-Low-Power Audio Decoder System-on-Chip
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7209 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button EP7209 Datasheet HTML 28Page - Cirrus Logic EP7209 Datasheet HTML 29Page - Cirrus Logic EP7209 Datasheet HTML 30Page - Cirrus Logic EP7209 Datasheet HTML 31Page - Cirrus Logic EP7209 Datasheet HTML 32Page - Cirrus Logic EP7209 Datasheet HTML 33Page - Cirrus Logic EP7209 Datasheet HTML 34Page - Cirrus Logic EP7209 Datasheet HTML 35Page - Cirrus Logic EP7209 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
EP7209
32
DS453PP2
de-asserted, these port bits are available for GPIO.
When asserted, these port bits are used as the
PRDY signals. When the PRDY signal is de-assert-
ed (i.e., low), it indicates that the CL-PS6700 is
busy accessing its card. If a PC CARD access is at-
tempted while the device is busy, the PRDY signal
will cause the EP7209’s CPU to be stalled. The
EP7209’s CPU will have to wait for the card to be-
come available. DMA transfers to the LCD can still
continue in the background during this period of
time (as described below). The EP7209 can access
the registers in the CL-PS6700, regardless of the
state of the PRDY signal. If the EP7209 needs to
access the PC CARD via the CL-PS6700, it waits
until the PRDY signal is high before initiating a
transfer request. Once a request is sent, the PRDY
signal indicates if data is available.
In the case of a PC Card write, writes can be posted
to the CL-PS6700 device, with the same timing as
CL-PS6700 internal register writes. Writes will
normally be completed by the CL-PS6700 device
independent of the EP7209 processor activity. If a
posted write times out, or fails to complete for any
other reason, then the CL-PS6700 will issue an in-
terrupt (i.e., a WR_FAIL interrupt). In the case
where the CL-PS6700 write buffer is already full,
the PRDY signal will be de-asserted (i.e., driven
low) and the transaction will be stalled pending an
available slot in the buffer. In this case, the
EP7209’s CPU will be stalled until the write can be
posted successfully. While the PRDY signal is de-
asserted, the chip select to the CL-PS6700 will be
de-asserted and the main bus will be released so
that DMA transfers to the LCD controller can con-
tinue in the background.
In the case of a PC Card read, the PRDY signal
from the CL-PS6700 will be de-asserted until the
read data is ready. At this point, it will be reasserted
and the access will be completed in the same way
as for a register access. In the case of a byte access,
only one 16-bit data transfer will be required to
complete the access. While the PRDY signal is de-
asserted, the chip select to the CL-PS6700 will be
de-asserted and the main bus will be released so
that DMA transfers to the LCD controller can con-
tinue in the background.
The EP7209 will re-arbitrate for control of the bus
when the PRDY signal is reasserted to indicate that
the read or write transaction can be completed. The
CPU will always be stalled until the PC Card ac-
cess is completed.
A card read operation may be split into a request
cycle and a data cycle, or it may be combined into
a single request/data transfer cycle. This depends
on whether the data requested from the card is
available in the prefetch buffer (internal to the CL-
PS6700).
The request portion of the cycle, for a card read, is
similar to the request phase for a card write (de-
scribed above). If the requested data is available in
the prefetch buffer, the CL-PS6700 asserts the
PRDY signal before the rising edge of the third
clock and the EP7209 continues the cycle to read
the data. Otherwise, the PRDY signal is de-asserted
and the request cycle is stalled. The EP7209 may
Space Field Value
PC CARD Memory Space
00
Attribute
01
I/O
10
Common memory
11
CL-PS6700 registers
Table 16. Space Field Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com