Electronic Components Datasheet Search
  English  ▼

X  

EP7209 Datasheet(PDF) 16 Page - Cirrus Logic

Part # EP7209
Description  Ultra-Low-Power Audio Decoder System-on-Chip
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7209 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button EP7209 Datasheet HTML 12Page - Cirrus Logic EP7209 Datasheet HTML 13Page - Cirrus Logic EP7209 Datasheet HTML 14Page - Cirrus Logic EP7209 Datasheet HTML 15Page - Cirrus Logic EP7209 Datasheet HTML 16Page - Cirrus Logic EP7209 Datasheet HTML 17Page - Cirrus Logic EP7209 Datasheet HTML 18Page - Cirrus Logic EP7209 Datasheet HTML 19Page - Cirrus Logic EP7209 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 128 page
background image
EP7209
16
DS453PP2
2.2.2
SSI/Codec/DAI Pin Multiplexing
Boundary
Scan
TDI
I
JTAG data in
TDO
O
JTAG data out
TMS
I
JTAG mode select
TCLK
I
JTAG clock
nTRST
I
JTAG async reset
Test
nTEST[0:1]
I
Test mode select inputs. These pins are used in conjunction with the power-on
latched state of nURESET to select between the various device test models.
Oscillators
MOSCIN
MOSCOUT
RTCIN
RTCOUT
I
O
I
O
Main 3.6864 MHz oscillator for 18.432 MHz–73.728 MHz PLL
Real Time Clock 32.768 kHz oscillator
No connects
N/C
No connects should be left as no connects; do not connect to ground
1. All deglitched inputs are via the 16.384 kHz clock. Each deglitched signal must be held active for at least two clock periods. Therefore, the
input signal must be active for at least ~125
µs to be detected cleanly.
NOTE:
The RTC crystal must be populated for the device to function properly.
SSI2
Codec
DAI
Direction
Strength
SSICLK
PCMCLK
SCLK
I/O
1
SSITXFR
PCMSYNC
LRCK
I/O
1
SSITXDA
PCMOUT
SDOUT
Output
1
SSIRXDA
PCMIN
SDIN
Input
SSIRXFR
p/u*
MCLK
I/O
1
*
p/u = use an ~10 k pull-up
The selection between SSI2 and the codec is controlled by the state of the SERSEL bit in SYSCON2 (See
SYSCON2 System Control Register 2). The choice between the SSI2, codec, and the DAI is controlled by
the DAISEL bit in SYSCON3 (See SYSCON3 System Control Register 3).
Table 5. SSI/Codec/DAI Pin Multiplexing
Function
Signal
Name
Signal
Description
Table 4. External Signal Functions (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com