Electronic Components Datasheet Search
  English  ▼

X  

EP7209 Datasheet(PDF) 45 Page - Cirrus Logic

Part # EP7209
Description  Ultra-Low-Power Audio Decoder System-on-Chip
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7209 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button EP7209 Datasheet HTML 41Page - Cirrus Logic EP7209 Datasheet HTML 42Page - Cirrus Logic EP7209 Datasheet HTML 43Page - Cirrus Logic EP7209 Datasheet HTML 44Page - Cirrus Logic EP7209 Datasheet HTML 45Page - Cirrus Logic EP7209 Datasheet HTML 46Page - Cirrus Logic EP7209 Datasheet HTML 47Page - Cirrus Logic EP7209 Datasheet HTML 48Page - Cirrus Logic EP7209 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
EP7209
DS453PP2
45
3.13
Timer Counters
Two identical timer counters are integrated into the
EP7209. These are referred to as TC1 and TC2.
Each timer counter has an associated 16-bit
read/write data register and some control bits in the
system control register. Each counter is loaded with
the value written to the data register immediately.
This value will then be decremented on the second
active clock edge to arrive after the write (i.e., after
the first complete period of the clock). When the
timer counter under flows (i.e., reaches 0), it will
assert its appropriate interrupt. The timer counters
can be read at any time. The clock source and mode
are selectable by writing to various bits in the sys-
tem control register. When run from the internal
PLL, 512 kHz and 2 kHz rates are provided. When
using the 13 MHz external source, the default fre-
quencies will be 541 kHz and 2.115 kHz, respec-
tively. However, only in non-PLL mode, an
optional divide by 26 frequency can be generated
Pixel 1 Pixel 2 Pixel 3 Pixel 4
Bit 0 Bit 1
Bit 2 Bit 3 Bit 4
Bit 5 Bit 6 Bit 7
Gray scale
4 Bits per pixel
Pixel 1 Pixel 2 Pixel 3 Pixel 4
Bit 0
Bit 1 Bit 2 Bit 3 Bit 4
Bit 5 Bit 6 Bit 7
Gray scale Gray scale
2 Bits per pixel
Gray scale
Gray scale
Pixel 1 Pixel 2 Pixel 3 Pixel 4
Bit 0 Bit 1
Bit 2 Bit 3 Bit 4
Bit 5 Bit 6 Bit 7
Gray scale
Gray scale
1 Bit per pixel
Gray scale Gray scale
Gray scale
Figure 11. Video Buffer Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com