Electronic Components Datasheet Search
  English  ▼

X  

EP7209 Datasheet(PDF) 13 Page - Cirrus Logic

Part # EP7209
Description  Ultra-Low-Power Audio Decoder System-on-Chip
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7209 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button EP7209 Datasheet HTML 9Page - Cirrus Logic EP7209 Datasheet HTML 10Page - Cirrus Logic EP7209 Datasheet HTML 11Page - Cirrus Logic EP7209 Datasheet HTML 12Page - Cirrus Logic EP7209 Datasheet HTML 13Page - Cirrus Logic EP7209 Datasheet HTML 14Page - Cirrus Logic EP7209 Datasheet HTML 15Page - Cirrus Logic EP7209 Datasheet HTML 16Page - Cirrus Logic EP7209 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
EP7209
DS453PP2
13
2.2
Pin Descriptions
Table 4 describes the function of all the external signals to the EP7209. Note that all output signals are tri-
stateable to enable the Hi-Z test modes to be supported.
2.2.1
External Signal Functions
Function
Signal
Name
Signal
Description
Data bus
D[0:31]
I/O
32-bit system data bus for memory and I/O interface
Address bus
A[0:27]
O
28 bits of system byte address during memory and expansion cycles
Whenever the EP7209 is in the Standby State, the external address and data
buses are driven low. The RUN signal is used internally to force these buses to
be driven low. This is done to prevent peripherals that are powered-down from
draining current. Also, the internal peripheral’s signals get set to their Reset
State.
Memory
Interface
nMOE
O
Memory output enable, active low
nMWE
O
Memory write enable, active low
nCS[0:3]
O
Chip select; active low, SRAM-like chip selects for expansion
nCS[4:5]
O
Chip select; active low, CS for expansion or for CL-PS6700 select
EXPRDY
I
Expansion port ready; external expansion devices drive this low to extend the
bus cycle. This is used to insert wait states for an external bus cycle.
WRITE
O
Write strobe, low during reads, high during writes from the EP7209
WORD/
HALFWORD
O
To do write accesses of different sizes Word and Half-Word must be externally
decoded. The encoding of these signals is as follows:
The core will generate an address. When doing a read, the ARM core will
select the appropriate byte channels. When doing a write, the correct bytes
will have to be enabled depending on the above signals and the least signifi-
cant bits of the address bus.
The ARM architecture does not support unaligned accesses. For a read using
x 32 memory, it is assumed that you will ignore bits 1 and 0 of the address bus
and perform a word read (or in power critical systems decode the relevant bits
depending on the size of the access). If an unaligned read takes place, the
core will rotate the resulting data in the register. For more information on this
behavior see the LDR instruction in the ARM7TDMI data sheet.
EXPCLK
I/O
Expansion clock rate is the same as the CPU clock for 13 MHz and 18 MHz. It
runs at 36.864 MHz for 36,49 and 74 MHz modes; in 13 MHz mode this pin is
used as the clock input.
Table 4. External Signal Functions
Access Size
Word
Half-Word
Word
1
0
Half-Word
*
1
Byte
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com