Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 44Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Rev. 1.00
41 of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
SAW Type 46-pin (6.5mm×4.5mm) QFN Outline Dimensions
http://www.holtek.com.tw/pdf/guide.pdf
June 03, 2014
Package Information
SAW Type 46-pin (6.5mm×4.5mm) QFN Outline Dimensions
D2
b
E2
L
1
10
23
24
32
33
46
9
e
D
E
A1
A3
A
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.031
0.033
0.035
A1
0.000
0.001
0.002
A3
—
0.008 BSC
—
b
0.006
0.008
0.010
D
0.254
0.256
0.258
E
0.175
0.177
0.179
e
—
0.016 BSC
—
D2
0.197
0.201
0.205
E2
0.118
0.122
0.126
L
0.012
0.016
0.020
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.800
0.850
0.900
A1
0.000
0.020
0.040
A3
—
0.200 BSC
—
b
0.150
0.200
0.250
D
6.450
6.500
6.550
E
4.450
4.500
4.550
e
—
0.40 BSC
—
D2
5.00
5.10
5.20
E2
3.00
3.10
3.20
L
0.30
0.40
0.50
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.0�1
0.0��
0.0�5
A1
0.000
0.001
0.00�
A�
—
0.008 BSC
—
�
0.006
0.008
0.010
D
0.�54
0.�56
0.�58
E
0.1�5
0.1��
0.1�9
e
—
0.016 BSC
—
D�
0.19�
0.�01
0.�05
E�
0.118
0.1��
0.1�6
L
0.01�
0.016
0.0�0
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.800
0.850
0.900
A1
0.000
0.0�0
0.040
A�
—
0.�00 BSC
—
�
0.150
0.�00
0.�50
D
6.450
6.500
6.550
E
4.450
4.500
4.550
e
—
0.40 BSC
—
D�
5.00
5.10
5.�0
E�
�.00
�.10
�.�0
L
0.�0
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com