Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Rev. 1.00
�8 of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Pin number
Pin Name
Type(1)
IO
Structure(2)
Output
Driving
Description
64
LQFP
48
LQFP
46
QFN
33
QFN
Default function (AF0)
�4
�5
��
PA8
I/�
��V
4/8/1�/16 mA
PA8
�5
�6
��
18
PA9
I/�
��V_PU
4/8/1�/16 mA
PA9_B��T
�6
��
�4
PA10
I/�
��V
4/8/1�/16 mA
PA10
��
�8
�5
PA11
I/�
��V
4/8/1�/16 mA
PA11
�8
�9
�6
19
PA1�
I/�
��V_PU
4/8/1�/16 mA
SWCLK
�9
�0
��
�0
PA1�
I/�
��V_PU
4/8/1�/16 mA
SWDI�
40
�1
�8
�1
PA14
I/�
��V
4/8/1�/16 mA
PA14
41
��
�9
��
PA15
I/�
��V
4/8/1�/16 mA
PA15
4�
VDD_�
P
—
—
Voltage fo� digital I/�
4�
��
VSS_�
P
—
—
G�ound �efe�en�e fo� digital I/�
44
��
�0
��
PB0
I/�
��V
4/8/1�/16 mA
PB0
45
�4
�1
�4
PB1
I/�
��V
4/8/1�/16 mA
PB1
46
PD1
I/�
��V
4/8/1�/16 mA
PD1
4�
PD�
I/�
��V
4/8/1�/16 mA
PD�
48
PD�
I/�
��V
4/8/1�/16 mA
PD�
�5
��
VDD_�
P
—
—
Voltage fo� digital I/�
�6
��
��
VSS_�
P
—
—
G�ound �efe�en�e fo� digital I/�
49
��
�4
�5
PB�
I/�
��V
4/8/1�/16 mA
PB�
50
�8
�5
�6
PB�
I/�
��V
4/8/1�/16 mA
PB�
51
�9
�6
��
PB4
I/�
��V
4/8/1�/16 mA
PB4
5�
40
��
�8
PB5
I/�
��V
4/8/1�/16 mA
PB5
5�
PC14
I/�
��V
4/8/1�/16 mA
PC14
54
PC15
I/�
��V
4/8/1�/16 mA
PC15
55
VDD_�
P
—
—
Voltage fo� digital I/�
56
VSS_�
P
—
—
G�ound �efe�en�e fo� digital I/�
5�
41
�8
PC1
AI/�
��V
4/8/1�/16 mA
PC1
58
4�
�9
PC�
AI/�
��V
4/8/1�/16 mA
PC�
59
4�
40
PC�
AI/�
��V
4/8/1�/16 mA
PC�
60
44
41
PB6
AI/�
��V
4/8/1�/16 mA
PB6
61
45
4�
�9
PB�
AI/�
��V
4/8/1�/16 mA
PB�
6�
46
4�
�0
PB8
AI/�
��V
4/8/1�/16 mA
PB8
6�
4�
44
�1
VDDA
P
—
—
Analog voltage fo� ADC and Compa�ato�
64
48
45
��
VSSA
P
—
—
G�ound �efe�en�e fo� the ADC and Compa�a-
to�
Notes: 1. I = input� � = output� A = Analog po�t� P = powe� supply� PU = pull-up� VDD = VDD Powe�� EP = Exposed Pad.
�. ��V = �.0 V ~ �.6 V tole�ant.
�. These pins a�e lo�ated at the VDD powe� domain.
4. The pin num�e� �� of the QFN�� is lo�ated at the exposed pad of the QFN pa�kage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com