Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Rev. 1.00
�� of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
tSU(STA)
tH(STA)
tFALL
tSCL(L)
tRISE
tSCL(H)
tH(SDA)
tSU(SDA)
tSU(ST�)
SCL
SDA
Figure 9. I2C Timing Diagrams
SPI Characteristics
Table 21. SPI Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SPI Master mode
fSCK
(1/tSCK)
SPI maste� output SCK �lo�k
f�equen�y
Maste� mode
SPI pe�iphe�al �lo�k
f�equen�y fPCLK
—
—
fPCLK/�
MHz
tSCK(H)
tSCK(L)
SCK �lo�k high and low time
—
tSCK/� - �
—
tSCK/� + 1
ns
tV(M�)
Data output valid time
—
—
—
5
ns
tH(M�)
Data output hold time
—
�
—
—
ns
tSU(MI)
Data input setup time
—
5
—
—
ns
tH(MI)
Data input hold time
—
5
—
—
ns
SPI Slave mode
fSCK
(1/tSCK)
SPI slave input SCK �lo�k
f�equen�y
Slave mode
SPI pe�iphe�al �lo�k
f�equen�y fPCLK
—
—
fPCLK/�
MHz
DutySCK SPI slave input SCK �lo�k
duty �y�le
—
�0
—
�0
%
tSU(SEL)
SEL ena�le setup time
—
� × tPCLK
—
—
ns
tH(SEL)
SEL ena�le hold time
—
� × tPCLK
—
—
ns
tA(S�)
Data output a��ess time
—
—
—
� × tPCLK
ns
tDIS(S�)
Data output disa�le time
—
—
—
10
ns
tV(S�)
Data output valid time
—
—
—
�5
ns
tH(S�)
Data output hold time
—
15
—
—
ns
tSU(SI)
Data input setup time
—
5
—
—
ns
tH(SI)
Data input hold time
—
4
—
—
ns
Note: tSCK= 1/fSCK; tPCLK= 1/fPCLK. SPI output (input) �lo�k f�equen�y fSCK; SPI pe�iphe�al �lo�k f�equen�y
fPCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com