Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Rev. 1.00
16 of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
3 Overview
Device Information
Table 1. Features and Peripheral List
Peripherals
HT32F52243
HT32F52253
Main Flash (KB)
64
1��
�ption Bytes Flash (KB)
1
1
SRAM (KB)
8
16
Time�s
MCTM
1
GPTM
1
SCTM
4
BFTM
�
RTC
1
WDT
1
Communi�ation
SPI
�
USART
�
UART
4
I�C
�
PDMA
6 �hannels
Ha�dwa�e Divide�
1
CRC-16/��
1
EXTI
16
1�-�it ADC
Num�e� of �hannels
1
1� Channels
GPI�
Up to 5�
CPU f�equen�y
Up to 40 MHz
�pe�ating voltage
�.0 V ~ �.6 V
�pe�ating tempe�atu�e
-40 °C ~ +85 °C
Pa�kage
��/46-pin QFN� 48/64-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com