Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Rev. 1.00
�� of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Package
HT32F52243/52253 Alternate function number
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8 AF9 AF10 AF11 AF12
AF13
AF14
AF15
58
4�
�9
PC�
MT_CH0N
SPI1_SCK
UR�_RX
59
4�
40
PC�
MT_BRK
SPI1_M�SI
UR1_RX
I�C�_SCL
60
44
41
PB6
GT_CH�
SPI1_MIS�
UR�_TX
I�C�_SDA
61
45
4�
�9
PB�
MT_CH1
SPI0_MIS�
UR0_TX
I�C1_SCL
6�
46
4�
�0
PB8
MT_CH1N
SPI0_SEL
UR0_RX
I�C1_SDA
6�
4�
44
�1
VDDA
64
48
45
��
VSSA
Notes: 1. The EP is meant the exposed pad of the QFN pa�kage.
�. The pin num�e� �� of the QFN�� is lo�ated at the exposed pad of the QFN pa�kage.
Table 4. HT32F52243/52253 Pin Description
Pin number
Pin Name
Type(1)
IO
Structure(2)
Output
Driving
Description
64
LQFP
48
LQFP
46
QFN
33
QFN
Default function (AF0)
1
1
46
1
PA0
AI/�
��V
4/8/1�/16 mA
PA0
�
�
1
�
PA1
AI/�
��V
4/8/1�/16 mA
PA1
�
�
�
�
PA�
AI/�
��V
4/8/1�/16 mA
PA�
4
4
�
4
PA�
AI/�
��V
4/8/1�/16 mA
PA�
5
5
4
5
PA4
AI/�
��V
4/8/1�/16 mA
PA4
6
6
5
6
PA5
AI/�
��V
4/8/1�/16 mA
PA5
�
�
6
PA6
AI/�
��V
4/8/1�/16 mA
PA6
8
8
�
PA�
AI/�
��V
4/8/1�/16 mA
PA�
9
VDD_4
P
—
—
Voltage fo� digital I/�
10
EP
VSS_4
P
—
—
G�ound �efe�en�e fo� digital I/�
11
9
PC4
AI/�
��V
4/8/1�/16 mA
PC4
1�
10
PC5
AI/�
��V
4/8/1�/16 mA
PC5
1�
PC8
AI/�
��V
4/8/1�/16 mA
PC8
14
PC9
AI/�
��V
4/8/1�/16 mA
PC9
15
11
8
�
PC6
I/�
��V
4/8/1�/16 mA
PC6
16
1�
9
8
PC�
I/�
��V
4/8/1�/16 mA
PC�
1�
1�
10
9
CLD�
P
—
—
Co�e powe� LD� 1.5 V output.
It is recommended to connect a 2.2 μF
�apa�ito� as �lose as possi�le �etween this
pin and VSS_1.
18
14
11
10
VDD_1
P
—
—
Voltage fo� digital I/�
19
15
1�
11
VSS_1
P
—
—
G�ound �efe�en�e fo� digital I/�
�0
16
1�
1�
nRST (�)
I
��V_PU
—
Exte�nal �eset pin and exte�nal wakeup pin in
the Powe�-Down mode
�1
1�
14
PB9 (�)
I/�
(VDD)
��V
4/8/1�/16 mA
PB9
��
18
15
1�
PB10 (�)
AI/�
(VDD)
��V
4/8/1�/16 mA
X��KIN
��
19
16
14
PB11 (�)
AI/�
(VDD)
��V
4/8/1�/16 mA
X��K�UT
�4
�0
1�
15
PB1� (�)
I/�
(VDD)
��V
4/8/1�/16 mA
RTC�UT
�5
PD0
I/�
��V
4/8/1�/16 mA
PD0
�6
�1
18
16
PB1�
AI/�
��V
4/8/1�/16 mA
XTALIN
��
��
19
1�
PB14
AI/�
��V
4/8/1�/16 mA
XTAL�UT
�8
��
�0
PB15
I/�
��V
4/8/1�/16 mA
PB15
�9
�4
�1
PC0
I/�
��V
4/8/1�/16 mA
PC0
�0
PC10
I/�
��V
4/8/1�/16 mA
PC10
�1
PC11
I/�
��V
4/8/1�/16 mA
PC11
��
PC1�
I/�
��V
4/8/1�/16 mA
PC1�
��
PC1�
I/�
��V
4/8/1�/16 mA
PC1�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com