Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Rev. 1.00
1� of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Block Diagram
SW-DP
AHB
Pe�iphe�als
Flash
Memo�y
Co�texTM-M0+
P�o�esso�
NVIC
SRAM
Cont�olle�
FMC
Cont�ol
Registe�s
CKCU/RSTCU
Cont�ol Registe�s
PDMA
Cont�ol
Registe�s
PDMA
6 Channels
AFI�
EXTI
CH� ~ CH0
B��T
AF
AF
Powe�ed �y VDD15
SWCLK SWDI�
SDA
SCL
Powe� supply:
Bus:
Cont�ol signal:
Alte�nate fun�tion: AF
Powe�ed �y VDD15
M�SI� MIS�
SCK� SEL
Flash Memo�y
Inte�fa�e
TX� RX
RTS/TXE
CTS/SCK
X��KIN
X��K�UT
AF
LSI
�� kHz
LSE
����68 Hz
VDD
VSS
RTC
PWRCU
nRST
RTC�UT
WAKEUP
Powe�ed �y VDDA
VDDA
VSSA
ADC_IN0
ADC_IN11
I�C0 ~ �
ADC
1�-�it
SAR ADC
MCTM
BFTM0 ~ 1
AHB to APB
B�idge
WDT
SRAM
GPI�
PA ~ PC[15:0]� PD[�:0]
TX� RX
CRC
-16/��
CH0 ~CH�
CH0N ~ CH�N
CH�� BRK
UART0
UART0 ~ �
SPI1 ~ 0
SPI1 ~ 0
Powe�ed �y VDD
VSS
VDD
P�R
/PDR
B�D
LVD
XTALIN
XTAL�UT
HSI
8 MHz
HSE
4 ~ 16 MHz
LD�
1.5 V
GPTM
CLD�
CAP.
USART0 ~ 1
SCTM0 ~ �
SCTM
PLL
fMax: 48 MHz
Divide�
Powe�ed �y VDD
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com