Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Rev. 1.00
�� of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
4 Pin Assignment
�� �1 �0 �9 �8 �� �6
9
10 11 1� 1� 14 15 16
�4
��
��
�1
�0
19
18
PB1
PB0
PA15
PA14
PA9_
B��T
AF0
(Default)
P�� VDD
��V
VDD
��V
VDD
��V
VDD
��V
P15
AP
AP
HT32F52243/52253
33 QFN-A
�5
AF0
(Default)
P��
��V
��V
��V
��V
SWCLK
SWDI�
PA1�
PA1�
AF1
��V
��V
��V ��V ��V
��V
��V
��V
��V
1� XTAL�UT
PB14
��V
�.� V Digital & Analog I� Pad
P��
AP
P15
��V
��V
�.� V Digital Powe� Pad
�.� V Analog Powe� Pad
1.5 V Powe� Pad
�.� V Digital I/� Pad
VDD
VDD Domain Pad
�� VSS
1
�
�
4
5
6
�
8
PA0
PA1
PA�
PA�
PA4
PA5
PA6
PA�
��V
��V
��V
��V
��V
��V
��V
��V
��V
Figure 4. HT32F52243/52253 33-pin QFN Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com