Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Rev. 1.00
15 of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Hardware Divider – DIV
■
Signed/unsigned 32-bit divider
■
Operation in 8 clock cycles, Load in 1 clock cycle
■
Divide by zero error Flag
The divider is the truncated division and need software trigger start single by control register
“START” bit , after 8 clock cycles, the divider calculate complete flag will be set to 1, and if divisor
register data is zero, divide zero error flag will be set to 1.
Debug Support
■
Serial Wire Debug Port – SW-DP
■
4 comparators for hardware breakpoint or code / literal patch
■
2 comparators for hardware watchpoints
Package and Operation Temperature
■
33/46-pin QFN, 48/64-pin LQFP package
■
Operation temperature range: -40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com