Electronic Components Datasheet Search
  English  ▼

X  

HT32F52243 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT32F52243
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52243 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT32F52243 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F52243 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Rev. 1.00
11 of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Single Channel Generation and Capture Timers – SCTM
■
16-bit up and auto-reload counter
■
One channel for each timer
■
16-bit programmable prescaler allowing counter clock frequency division by any factor between
1 and 65536
■
Input Capture function
■
Compare Match Output
■
PWM waveform generation with Edge-aligned
■
Single Pulse Mode Output
The Single-Channel Timer consists of one 16-bit up-counter, one 16-bit Capture/Compare Register
(CCR), one 16-bit Counter-Reload Register (CRR) and several control/status registers. It can be
used for a variety of purposes including general timer, input signal pulse width measurement or
output waveform generation such as single pulse generation or PWM output.
Basic Function Timer – BFTM
■
32-bit compare / match count-up counter – no I/O control features
■
One shot mode – counting stops after a match condition
■
Repetitive mode – restart counter after a match condition
The Basic Function Timer is a simple count-up 32-bit counter designed to measure time intervals
and generate a one shot or repetitive interrupts. The BFTM operates in two functional modes,
repetitive or one shot mode. In the repetitive mode the BFTM restarts the counter when a compare
match event occurs. The BFTM also supports a one shot mode which forces the counter to stop
counting when a compare match event occurs.
Watchdog Timer – WDT
■
12-bit down counter with 3-bit prescaler
■
Reset event for the system
■
Programmable watchdog timer window function
■
Register write protection function
The Watchdog Timer is a hardware timing circuit that can be used to detect system failures due
to software malfunctions. It includes a 12-bit count-down counter, a prescaler, a WDT delta value
register, WDT operation control circuitry and a WDT protection mechanism. If the software does
not reload the counter value before a Watchdog Timer underflow occurs, a reset will be generated
when the counter underflows. In addition, a reset is also generated if the software reloads the
counter when the counter value is greater than the WDT delta value. This means the counter must
be reloaded within a limited timing window using a specific method. The Watchdog Timer counter
can be stopped while the processor is in the debug mode. There is a register write protect function
which can be enabled to prevent it from changing the Watchdog Timer configuration unexpectedly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com