Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products MAX5877 Datasheet HTML 10Page - Maxim Integrated Products MAX5877 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TWO-TONE INTERMODULATION
DISTORTION (fCLK = 100Msps)
fOUT (MHz)
34
32
30
28
26
-80
-60
-40
-20
0
-100
24
36
BW = 12MHz
2 x fT1 - fT2
2 x fT2 - fT1
fT1
fT2
fT1 = 28.9795MHz
fT2 = 30.0049MHz
TWO-TONE IMD vs. OUTPUT FREQUENCY
(1MHz CARRIER SPACING, fCLK = 200Msps)
fOUT (MHz)
70
60
50
40
30
20
10
-90
-80
-70
-60
-50
-40
-100
080
-12dBFS
-6dBFS
SFDR vs. FULL-SCALE OUTPUT CURRENT
(fCLK = 200MHz)
fOUT (MHz)
80
60
40
20
20
40
60
80
100
0
0100
AOUT = -6dBFS
10mA
5mA
20mA
SFDR vs. TEMPERATURE
(fCLK = 250Msps)
fOUT (MHz)
100
75
50
25
70
75
80
85
65
0125
AOUT = -6dBFS
TA = +85
°C
TA = +25
°C
TA = -40
°C
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
49,152
32,768
16,384
-2
-1
0
1
2
3
-3
065,536
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
49,152
32,768
16,384
-3
-2
-1
0
1
2
3
4
-4
065,536
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(AVDD3.3 = DVDD3.3 = AVCLK = +3.3V, AVDD1.8 = DVDD1.8 = +1.8V, external reference, VREFIO = +1.25V, RL = 50
Ω double-terminated,
IOUTFS = 20mA, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com